Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8360E Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8360E
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360E Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8360E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8360E Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
71
Package and Pin Listings
MEMC1_MCK[4:5]/
MEMC2_MCKE[0:1]
AN25, AK1
O
GVDD
MEMC1_MCK[0:1]
AL37, AT36
O
GVDD
MEMC1_MCK[2:3]/
MEMC2_MCK[0:1]
AP2, AT2
O
GVDD
MEMC1_MCK[4]/
MEMC2_MDM[8]
AN24
O
GVDD
MEMC1_MCK[5]/
MEMC2_MDQS[8]
AL1
O
GVDD
MDIC[0:1]
AH6, AP30
I/O
GVDD
10
Secondary DDR SDRAM Memory Controller Interface
MEMC2_MECC[0:7]
AN16, AP18, AM16, AM17, AN17, AP13, AP15, AN13
I/O
GVDD
MEMC2_MBA[0:2]
AU12, AU15, AU13
O
GVDD
MEMC2_MA[0:14]
AT12, AP11, AT13, AT14, AR13, AR15, AR16, AT16,
AT18, AT17, AP10, AR20, AR17, AR14, AR11
OGVDD
MEMC2_MWE
AU10
O
GVDD
MEMC2_MRAS
AT11
O
GVDD
MEMC2_MCAS
AU11
O
GVDD
PCI
PCI_INTA/
IRQ_OUT/
CE_PF[5]
A20
I/O
LVDD22
PCI_RESET_OUT/
CE_PF[6]
E19
I/O
LVDD2
PCI_AD[31:30]/
CE_PG[31:30]
D20, D21
I/O
LVDD2
PCI_AD[29:25]/
CE_PG[29:25]
A24, B23, C23, E23, A26
I/O
OVDD
PCI_AD[24]/
CE_PG[24]
B21
I/O
LVDD2
PCI_AD[23:0]/
CE_PG[23:0]
C24, C25, D25, B25, E24, F24, A27, A28, F27, A30, C30,
D30, E29, B31, C31, D31, D32, A32, C33, B33, F30, E31,
A34, D33
I/O
OVDD
PCI_C/
BE[3:0]/
CE_PF[10:7]
E22, B26, E28, F28
I/O
OVDD
PCI_PAR/
CE_PF[11]
D28
I/O
OVDD
PCI_FRAME/
CE_PF[12]
D26
I/O
OVDD
5
PCI_TRDY/
CE_PF[13]
C27
I/O
OVDD
5
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com