Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DS080 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC12DS080
Description  ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DS080 Datasheet(HTML) 3 Page - Texas Instruments

  ADC12DS080 Datasheet HTML 1Page - Texas Instruments ADC12DS080 Datasheet HTML 2Page - Texas Instruments ADC12DS080 Datasheet HTML 3Page - Texas Instruments ADC12DS080 Datasheet HTML 4Page - Texas Instruments ADC12DS080 Datasheet HTML 5Page - Texas Instruments ADC12DS080 Datasheet HTML 6Page - Texas Instruments ADC12DS080 Datasheet HTML 7Page - Texas Instruments ADC12DS080 Datasheet HTML 8Page - Texas Instruments ADC12DS080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AGND
VA
AGND
VA
AGND
V
A
VA
VA
VA
VA
AGND
AGND
VA
AGND
ADC12DS080
www.ti.com
SNAS443A – MARCH 2008 – REVISED MARCH 2013
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
3
VINA+
13
VINB+
Differential analog input pins. The differential full-scale input signal
level is 2VP-P with each input pin signal centered on a common mode
2
VINA-
voltage, VCM.
14
VINB-
5
VRPA
11
VRPB
7
VCMOA
9
VCMOB
These pins should each be bypassed to AGND with a low ESL
(equivalent series inductance) 0.1 µF capacitor placed very close to
the pin to minimize stray inductance. An 0201 size 0.1 µF capacitor
should be placed between VRP and VRN as close to the pins as
possible, and a 1 µF capacitor should be placed in parallel.
VRP and VRN should not be loaded. VCMO may be loaded to 1mA for
6
VRNA
use as a temperature stable 1.5V reference.
10
VRNB
It is recommended to use VCMO to provide the common mode
voltage, VCM, for the differential analog inputs.
Reference Voltage. This device provides an internally developed
1.2V reference. When using the internal reference, VREF should be
decoupled to AGND with a 0.1 µF and a 1µF, low equivalent series
59
VREF
inductance (ESL) capacitor.
This pin may be driven with an external 1.2V reference voltage.
This pin should not be used to source or sink current.
LVDS Driver Bias Resistor is applied from this pin to Analog Ground.
29
LVDS_Bias
The nominal value is 3.6K
Ω
DIGITAL I/O
The clock input pin.
18
CLK
The analog inputs are sampled on the rising edge of the clock input.
Reset_DLL input. This pin is normally low. If the input clock
frequency is changed abruptly, the internal timing circuits may
28
Reset_DLL
become unlocked. Cycle this pin high for 1 microsecond to re-lock
the DLL. The DLL will lock in several microseconds after Reset_DLL
is asserted.
This is a four-state pin controlling the input clock mode and output
data format.
OF/DCS = VA, output data format is 2's complement without duty
cycle stabilization applied to the input clock
OF/DCS = AGND, output data format is offset binary, without duty
cycle stabilization applied to the input clock.
19
OF/DCS
OF/DCS = (2/3)*VA, output data is 2's complement with duty cycle
stabilization applied to the input clock
OF/DCS = (1/3)*VA, output data is offset binary with duty cycle
stabilization applied to the input clock.
Note: This signal has no effect when SPI_EN is high and the SPI
interface is enabled.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC12DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com