Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DS080 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC12DS080
Description  ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DS080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12DS080 Datasheet HTML 4Page - Texas Instruments ADC12DS080 Datasheet HTML 5Page - Texas Instruments ADC12DS080 Datasheet HTML 6Page - Texas Instruments ADC12DS080 Datasheet HTML 7Page - Texas Instruments ADC12DS080 Datasheet HTML 8Page - Texas Instruments ADC12DS080 Datasheet HTML 9Page - Texas Instruments ADC12DS080 Datasheet HTML 10Page - Texas Instruments ADC12DS080 Datasheet HTML 11Page - Texas Instruments ADC12DS080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADC12DS080
SNAS443A – MARCH 2008 – REVISED MARCH 2013
www.ti.com
Dynamic Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = VDR = +3.0V, Internal VREF =
+1.2V, fCLK = 80 MHz, VCM = VCMO, CL = 5 pF/pin, . Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤
TMAX. All other limits apply for TA = 25°C
(1) (2)
Units
Parameter
Test Conditions
Typical(3)
Limits
(Limits)(4)
DYNAMIC CONVERTER CHARACTERISTICS, AIN= -1dBFS
FPBW
Full Power Bandwidth
-1 dBFS Input,
−3 dB Corner
1.0
GHz
fIN = 10 MHz
71
dBFS
SNR
Signal-to-Noise Ratio
fIN = 70 MHz
70.5
dBFS
fIN = 170 MHz
70
68.5
dBFS
fIN = 10 MHz
88
dBFS
SFDR
Spurious Free Dynamic Range
fIN = 70 MHz
85
dBFS
fIN = 170 MHz
81
76.5
dBFS
fIN = 10 MHz
11.5
Bits
ENOB
Effective Number of Bits
fIN = 70 MHz
11.4
Bits
fIN = 170 MHz
11.3
10.9
Bits
fIN = 10 MHz
−86
dBFS
THD
Total Harmonic Disortion
fIN = 70 MHz
−85
dBFS
fIN = 170 MHz
−80
-75
dBFS
fIN = 10 MHz
−90
dBFS
H2
Second Harmonic Distortion
fIN = 70 MHz
−88
dBFS
fIN = 170 MHz
−83
-76.5
dBFS
fIN = 10 MHz
−88
dBFS
H3
Third Harmonic Distortion
fIN = 70 MHz
−85
dBFS
fIN = 170 MHz
−81
-76.5
dBFS
fIN = 10 MHz
70.8
dBFS
SINAD
Signal-to-Noise and Distortion Ratio
fIN = 70 MHz
70.3
dBFS
fIN = 170 MHz
69.6
67.6
dBFS
fIN=19.5 and 20.5MHz,
IMD
Intermodulation Distortion
-84
dBFS
each -7dBFS
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4. However, errors in the A/D conversion can occur if the input goes above 2.6V or below GND as described
in the Operating Ratings section. See Figure 2.
(2)
With a full scale differential input of 2VP-P , the 12-bit LSB is 488 µV.
(3)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(4)
This parameter is specified in units of dBFS - indicating the value that would be attained with a full-scale input signal.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com