Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DS080 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC12DS080
Description  ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DS080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12DS080 Datasheet HTML 2Page - Texas Instruments ADC12DS080 Datasheet HTML 3Page - Texas Instruments ADC12DS080 Datasheet HTML 4Page - Texas Instruments ADC12DS080 Datasheet HTML 5Page - Texas Instruments ADC12DS080 Datasheet HTML 6Page - Texas Instruments ADC12DS080 Datasheet HTML 7Page - Texas Instruments ADC12DS080 Datasheet HTML 8Page - Texas Instruments ADC12DS080 Datasheet HTML 9Page - Texas Instruments ADC12DS080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ADC12DS080
SNAS443A – MARCH 2008 – REVISED MARCH 2013
www.ti.com
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
Positive analog supply pins. These pins should be connected to a
8, 16, 17, 58,
VA
quiet source and be bypassed to AGND with 0.1 µF capacitors
60
located close to the power pins.
1, 4, 12, 15,
AGND
The ground return for the analog supply.
Exposed Pad
DIGITAL POWER
Positive driver supply pin for the output drivers. This pin should be
26, 40, 50
VDR
connected to a quiet voltage source and be bypassed to DRGND
with a 0.1 µF capacitor located close to the power pin.
The ground return for the digital output driver supply. This pins
25, 39, 51
DRGND
should be connected to the system digital ground, but not be
connected in close proximity to the ADC's AGND pins.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VA, VDR)
−0.3V to 4.2V
Voltage on Any Pin (Not to exceed 4.2V)
−0.3V to (VA +0.3V)
Input Current at Any Pin other than Supply Pins(4)
±5 mA
Package Input Current(4)
±50 mA
Max Junction Temp (TJ)
+150°C
Thermal Resistance (
θJA)
30°C/W
ESD Rating
Human Body Model(5)
2500V
Machine Model(5)
250V
Storage Temperature
−65°C to +150°C
Soldering process must comply with Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(6)
(1)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is ensured to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(5)
Human Body Model is 100 pF discharged through a 1.5 k
Ω resistor. Machine Model is 220 pF discharged through 0 Ω
(6)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Operating Temperature
−40°C ≤ TA ≤ +85°C
Supply Voltage (VA=VDR)
+2.7V to +3.6V
Clock Duty Cycle
(DCS Enabled)
30/70 %
(DCS disabled)
45/55 %
VCM
1.4V to 1.6V
|AGND-DRGND|
≤100mV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is ensured to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(2)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com