Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DS080 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12DS080
Description  ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DS080 Datasheet(HTML) 1 Page - Texas Instruments

  ADC12DS080 Datasheet HTML 1Page - Texas Instruments ADC12DS080 Datasheet HTML 2Page - Texas Instruments ADC12DS080 Datasheet HTML 3Page - Texas Instruments ADC12DS080 Datasheet HTML 4Page - Texas Instruments ADC12DS080 Datasheet HTML 5Page - Texas Instruments ADC12DS080 Datasheet HTML 6Page - Texas Instruments ADC12DS080 Datasheet HTML 7Page - Texas Instruments ADC12DS080 Datasheet HTML 8Page - Texas Instruments ADC12DS080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADC12DS080
www.ti.com
SNAS443A – MARCH 2008 – REVISED MARCH 2013
ADC12DS080 Dual 12-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
Check for Samples: ADC12DS080
1
FEATURES
DESCRIPTION
The ADC12DS080 is a high-performance CMOS
2
•
Clock Duty Cycle Stabilizer
analog-to-digital converter capable of converting two
•
Single +3.0 or 3.3V Supply Operation
analog input signals into 12-bit digital words at rates
•
Serial LVDS Outputs
up to 80 Mega Samples Per Second (MSPS). The
digital
outputs
are
serialized
and
provided
on
•
Serial Control Interface
differential LVDS signal pairs. This converter uses a
•
Overrange Outputs
differential, pipelined architecture with digital error
•
60-pin WQFN Package, (9x9x0.8mm, 0.5mm
correction and an on-chip sample-and-hold circuit to
pin-pitch)
minimize
power
consumption
and
the
external
component count, while providing excellent dynamic
performance. The ADC12DS080 may be operated
KEY SPECIFICATIONS
from a single +3.0V or 3.3V power supply. A power-
•
Resolution: 12 Bits
down feature reduces the power consumption to very
•
Conversion Rate: 80 MSPS
low levels while still allowing fast wake-up time to full
operation. The differential inputs accept a 2V full
•
SNR (fIN = 170 MHz): 70 dBFS (typ)
scale differential input swing. A stable 1.2V internal
•
SFDR (fIN = 170 MHz): 81 dBFS (typ)
voltage reference is provided, or the ADC12DS080
•
Full Power Bandwidth: 1 GHz (typ)
can be operated with an external 1.2V reference. The
selectable
duty
cycle
stabilizer
maintains
•
Power Consumption: 800 mW (typ)
performance over a wide range of clock duty cycles.
A serial interface allows access to the internal
APPLICATIONS
registers for full control of the ADC12DS080's
•
High IF Sampling Receivers
functionality. The ADC12DS080 is available in a 60-
lead WQFN package and operates over the industrial
•
Wireless Base Station Receivers
temperature range of
−40°C to +85°C
•
Test and Measurement Equipment
•
Communications Instrumentation
•
Portable Instrumentation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12DS080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DS080 TI1-ADC12DS080 Datasheet
1Mb / 34P
80 MSPS A/D Converter
ADC12DS080CISQE/NOPB TI1-ADC12DS080CISQE/NOPB Datasheet
1Mb / 34P
80 MSPS A/D Converter
More results

Similar Description - ADC12DS080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
80 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com