Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2773TL/NOPB
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2773TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2773TL/NOPB Datasheet HTML 1Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 2Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM2773
www.ti.com
SNVS554A – JANUARY 2008 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2) (3)
VIN Pin Voltage
-0.3V to 6.0V
EN, SEL Pin Voltage
-0.3V to (VIN+0.3V) w/ 6.0V max
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-65°C to +150° C
Maximum Lead Temperature
265°C
(Soldering, 10 sec.)
ESD Rating(5)
Human Body Model:
2.5kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
All voltages are with respect to the potential at the GND pins.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150°C (typ.) and
disengages at TJ=140°C (typ.).
(5)
The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
Input Voltage Range
2.5V to 5.5V
Recommended Load Current Range
0mA to 300mA
Junction Temperature (TJ) Range
-30°C to +110°C
Ambient Temperature (TA) Range
(3)
-30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 110°C), the
maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal
75°C/W
Resistance (
θJA), DSBGA-9 Package
(1)
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com