Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2773TL/NOPB
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2773TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2773TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 12Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 13Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LM2773
SNVS554A – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Soft Start
The LM2773 employs soft start circuitry to prevent excessive input inrush currents during startup. At startup, the
output voltage gradually rises from 0V to the nominal output voltage. This occurs in 150µs (typ.). Soft-start is
engaged when the part is enabled.
Thermal Shutdown
Protection from damage related to overheating is achieved with a thermal shutdown feature. When the junction
temperature rises to 150°C (typ.), the part switches into shutdown mode. The LM2773 disengages thermal
shutdown when the junction temperature of the part is reduced to 140°C (typ.). Due to the high efficiency of the
LM2773, thermal shutdown and/or thermal cycling should not be encountered when the part is operated within
specified input voltage, output current, and ambient temperature operating ratings. If thermal cycling is seen
under these conditions, the most likely cause is an inadequate PCB layout that does not allow heat to be
sufficiently dissipated out of the DSBGA package.
Current Limit Protection
The LM2773 charge pump contains current limit protection circuitry that protects the device during VOUT fault
conditions where excessive current is drawn. Output current is limited to 500mA (typ).
APPLICATION INFORMATION
Recommended Capacitor Types
The LM2773 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance
(ESR,
≤ 15mΩ typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors generally
are not recommended for use with the LM2773 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with an X7R or X5R temperature characteristic are preferred for use
with the LM2773. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 85°C).
Capacitors with a Y5V or Z5U temperature characteristic are generally not recommended for use with the
LM2773. These types of capacitors typically have wide capacitance tolerance (+80%, -20%) and vary
significantly over temperature (Y5V: +22%, -82% over -30°C to +85°C range; Z5U: +22%, -56% over +10°C to
+85°C range). Under some conditions, a 1µF-rated Y5V or Z5U capacitor could have a capacitance as low as
0.1µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM2773.
Net capacitance of a ceramic capacitor decreases with increased DC bias. This degradation can result in lower
capacitance than expected on the input and/or output, resulting in higher ripple voltages and currents. Using
capacitors at DC bias voltages significantly below the capacitor voltage rating will usually minimize DC bias
effects. Consult capacitor manufacturers for information on capacitor DC bias characteristics.
Capacitance characteristics can vary quite dramatically with different application conditions, capacitor types, and
capacitor manufacturers. It is strongly recommended that the LM2773 circuit be thoroughly evaluated early in the
design-in process with the mass-production capacitors of choice. This will help ensure that any such variability in
capacitance does not negatively impact circuit performance.
The table below lists some leading ceramic capacitor manufacturers.
Manufacturer
Contact Information
AVX
www.avx.com
Murata
www.murata.com
Taiyo-Yuden
www.t-yuden.com
TDK
www.component.tdk.com
Vishay-Vitramon
www.vishay.com
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM2773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com