Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2773TL/NOPB
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2773TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2773TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 12Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 13Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 14Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LM2773
www.ti.com
SNVS554A – JANUARY 2008 – REVISED MAY 2013
Output Capacitor and Output Voltage Ripple
The output capacitor in the LM2773 circuit (COUT) directly impacts the magnitude of output voltage ripple. Other
prominent factors also affecting output voltage ripple include input voltage, output current and flying capacitance.
Due to the complexity of the regulation topology, providing equations or models to approximate the magnitude of
the ripple can not be easily accomplished. But one important generalization can be made: increasing
(decreasing) the output capacitance will result in a proportional decrease (increase) in output voltage ripple.
In typical high-current applications, a 4.7µF low-ESR ceramic output capacitor is recommended. Different output
capacitance values can be used to reduce ripple, shrink the solution size, and/or cut the cost of the solution. But
changing the output capacitor may also require changing the flying capacitor and/or input capacitor to maintain
good overall circuit performance. Performance of the LM2773 with different capacitor setups in discussed in the
section Recommended Capacitor Configurations.
High ESR in the output capacitor increases output voltage ripple. If a ceramic capacitor is used at the output, this
is usually not a concern because the ESR of a ceramic capacitor is typically very low and has only a minimal
impact on ripple magnitudes. If a different capacitor type with higher ESR is used (tantalum, for example), the
ESR could result in high ripple. To eliminate this effect, the net output ESR can be significantly reduced by
placing a low-ESR ceramic capacitor in parallel with the primary output capacitor. The low ESR of the ceramic
capacitor will be in parallel with the higher ESR, resulting in a low net ESR based on the principles of parallel
resistance reduction.
Input Capacitor and Input Voltage Ripple
The input capacitor (CIN) is a reservoir of charge that aids a quick transfer of charge from the supply to the flying
capacitors during the charge phase of operation. The input capacitor helps to keep the input voltage from
drooping at the start of the charge phase when the flying capacitors are connected to the input. It also filters
noise on the input pin, keeping this noise out of sensitive internal analog circuitry that is biased off the input line.
Much like the relationship between the output capacitance and output voltage ripple, input capacitance has a
dominant, first-order effect on input ripple magnitude. Increasing (decreasing) the input capacitance will result in
a proportional decrease (increase) in input voltage ripple. Input voltage, output current, and flying capacitance
also will affect input ripple levels to some degree.
In typical high-current applications, a 1µF low-ESR ceramic capacitor is recommended on the input. Different
input capacitance values can be used to reduce ripple, shrink the solution size, and/or cut the cost of the
solution. But changing the input capacitor may also require changing the flying capacitor and/or output capacitor
to maintain good overall circuit performance. Performance of the LM2773 with different capacitor setups is
discussed below in Recommended Capacitor Configurations.
Flying Capacitors
The flying capacitors (C1, C2) transfer charge from the input to the output. Flying capacitance can impact both
output current capability and ripple magnitudes. If flying capacitance is too small, the LM2773 may not be able to
regulate the output voltage when load currents are high. On the other hand, if the flying capacitance is too large,
the flying capacitor might overwhelm the input and output capacitors, resulting in increased input and output
ripple.
In typical high-current applications, 1µF low-ESR ceramic capacitors are recommended for the flying capacitors.
Polarized capacitors (tantalum, aluminum electrolytic, etc.) must not be used for the flying capacitor, as they
could become reverse-biased during LM2773 operation.
Recommended Capacitor Configurations
The data in Table 1 can be used to assist in the selection of capacitance configurations that best balances
solution size and cost with the electrical requirements of the application.
As previously discussed, input and output ripple voltages will vary with output current and input voltage. The
numbers provided show expected ripple voltage with VIN = 3.6V and a load current of 300mA. The table offers a
first look at approximate ripple levels and provides a comparison of different capacitor configurations, but is not
intended to ensure performance. With any capacitance configuration chosen, always verify that the performance
of the ripple waveforms are suitable for the intended application. The same capacitance value must be used for
all the flying capacitors.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com