Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2773TL/NOPB
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2773TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2773TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 12Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 13Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 14Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 15Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LM2773
SNVS554A – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Table 1. LM2773 Performance with Different Capacitor Configurations, 1.8V Mode (1)
CAPACITOR
TYPICAL
CONFIGURATION
OUTPUT
(VIN = 3.6V)
RIPPLE
CIN = 1µF,
COUT = 4.7µF,
10mV
C1, C2 = 1µF
CIN = 1µF,
COUT = 2.2µF,
16mV
C1, C2 = 1µF
CIN = 0.47µF,
COUT = 4.7µF,
12mV
C1, C2 = 1µF
CIN = 0.47µF,
COUT = 3.3µF,
12mV
C1, C2 = 1µF
CIN = 0.47µF,
COUT = 3.3µF,
13mV
C1, C2 = 0.47µF
(1)
Refer to the text in the Recommended Capacitor Configurations section for detailed information on the data in this table
Layout Guidelines
Proper board layout will help to ensure optimal performance of the LM2773 circuit. The following guidelines are
recommended:
•
Place capacitors as close to the LM2773 as possible, and preferably on the same side of the board as the IC.
•
Use short, wide traces to connect the external capacitors to the LM2773 to minimize trace resistance and
inductance.
•
Use a low resistance connection between ground and the GND pin of the LM2773. Using wide traces and/or
multiple vias to connect GND to a ground plane on the board is most advantageous.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM2773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com