Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2773TL/NOPB
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2773TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2773TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LM2773
SNVS554A – JANUARY 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 3.6V, CIN = C1 = C2 = 1.0µF, COUT = 4.7µF, V(EN) = 1.8V, V(SEL) = 0V, TA = 25°C.
Capacitors are low-ESR multi-layer ceramic capacitors (MLCC's).
Load Step 0mA to 300mA, VIN = 3.6V, 1.6V Mode
Load Step 300mA to 0mA, VIN = 3.6V, 1.6V Mode
CH2: VOUT; Scale: 100mV/Div
CH2: VOUT; Scale: 100mV/Div
DC Coupled, Offset 1.633V
DC Coupled, Offset 1.633V
CH4: IOUT; Scale: 100mA/Div
CH4: IOUT; Scale: 100mA/Div
Time scale: 4ms/Div
Time scale: 4ms/Div
Figure 15.
Figure 16.
1.8V Mode Startup, Load = 300mA
1.6V Mode Startup, Load = 300mA, VSEL = VIN
CH1: VEN; Scale: 5V/Div, DC Coupled
CH1: VEN; Scale: 5V/Div, DC Coupled
CH2: VOUT; Scale: 500mV/Div, DC Coupled
CH2: VOUT; Scale: 500mV/Div, DC Coupled
Time scale: 10µs/Div
Time scale: 10µs/Div
Figure 17.
Figure 18.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM2773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com