Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2773TL/NOPB
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2773TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2773TL/NOPB Datasheet HTML 1Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 2Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM2773
VIN
VOUT
EN
Capacitors: 1 PF - C1005 (0402), X5R, 6.3V
4.7 PF - C1608 (0603), X5R, 6.3V
or equivalent
VIN = 2.5V to
5.5V
C1
1 PF
CIN
1 PF
COUT
4.7 PF
VOUT: 1.8V or 1.6V
IOUT up to 300 mA
C1+
C1-
GND
C2
1 PF
C2+
C2-
SEL
LM2773
www.ti.com
SNVS554A – JANUARY 2008 – REVISED MAY 2013
LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
Check for Samples: LM2773
1
FEATURES
DESCRIPTION
The LM2773 is a switched capacitor step-down
2
•
Low-Noise Spread Spectrum Operation
regulator that produces a selectable 1.8V or 1.6V
•
1.8V/1.6V Selectable Output Voltage
output. It is capable of supplying loads up to 300mA.
•
2% Output Voltage Regulation
The LM2773 operates with an input voltage from 2.5V
to 5.5V, accommodating 1-cell Li-Ion batteries and
•
> 75% Efficiency in 1.8V Mode
chargers.
•
Very Low Output Ripple: 10mV @ 300mA
The LM2773 utilizes a regulated charge pump with
•
Output Currents up to 300mA
gains of 2/3x and 1x. It has very low ripple and noise
•
2.5V to 5.5V Input Voltage Range
on both the input and output due to its pre-regulated
•
Shutdown Disconnects Load from VIN
1.15MHz (typ.) switching frequency and spread
spectrum operation. When output currents are low,
•
1.15MHz Switching Frequency
the LM2773 automatically switches to a low-ripple
•
No Inductors…Small Solution Size
PFM regulation mode to maintain high efficiency over
•
Short Circuit and Thermal Protection
the entire load range.
•
0.5mm pitch, DSBGA-9 (1.511 × 1.511mm ×
The LM2773 is available in TI's 0.5mm pitch 9-bump
0.6mm)
DSBGA.
APPLICATIONS
•
Power Supply for DSP's, Memory, and
Microprocessors
•
Mobile Phones and Pagers
•
Digital Cameras, Portable Music Players, and
Other Portable Electronic Devices
Typical Application Circuit
Figure 1.
Figure 2. LM2773 Efficiency vs.
Low-Dropout Linear Regulator (LDO) Efficiency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2773TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2773TL/NOPB TI-LM2773TL/NOPB Datasheet
1Mb / 18P
LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
More results

Similar Description - LM2773TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2780 NSC-LM2780 Datasheet
162Kb / 7P
Ultra-Low Ripple Switched Capacitor Voltage Inverter
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM2773 NSC-LM2773 Datasheet
326Kb / 12P
Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
LM2772 NSC-LM2772 Datasheet
1Mb / 12P
Low-Ripple Switched Capacitor Step-Down Regulator
logo
Texas Instruments
LM2772 TI1-LM2772 Datasheet
2Mb / 16P
Low-Ripple Switched Capacitor Step-Down Regulator
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Linear Technology
LTC3543 LINER-LTC3543_15 Datasheet
339Kb / 20P
600mA Synchronous Step Down Buck Regulator with PLL, Soft-Start and Spread Spectrum
logo
Texas Instruments
LM2772 TI-LM2772_15 Datasheet
2Mb / 17P
LM2772 Low-Ripple Switched Capacitor Step-Down Regulator
LM2773 TI-LM2773_15 Datasheet
1Mb / 18P
LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com