Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FETA2500BA Datasheet(PDF) 7 Page - COSEL CO., LTD.

Part # FETA2500BA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA2500BA Datasheet(HTML) 7 Page - COSEL CO., LTD.

Back Button FETA2500BA Datasheet HTML 3Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 4Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 5Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 6Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 7Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 8Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 9Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 10Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 11Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FETA-7
CN3
2-M4
2-M4
AC(N)
AC(L)
FG( )
CN2
CN1
M4
3-M4
2-f7
2-M4
(17)[0.67]
19max
(12.5)[0.49]
288±0.5
235±0.5
265±0.5
7.5
(35)[1.38]
340
15
47
25
10.7
16.6
[0.30]
[0.59]
[13.39]
[11.34]
Mounting Hole
Name plate
Mounting Hole
Input terminal cover
[1.85]
[0.75]
[0.28]
Mounting Hole
(Bottom)
[0.98]
[10.43]
AIR FLOW
[9.25]
Name plate
[0.42]
[0.65]
Output voltage
adjustable
potentiometer
LED(DC OK)
Green
LED(Alarm)
Amber
Output
terminal(+)
Output
terminal(-)
FETA3000BC
External view
Block diagram
* Tolerance ±1 [±0.04]
* Weight : 2.3kg max
* PCB material / thickness : FR-4 / 1.6mm [0.06]
* Chassis material : Stainless steel
* Dimensions in mm, [ ]=inches
* Mounting torque : 1.2N-m max
* Screw tightening torque : 1.6N-m max
* Please connect safety ground to FG terminal on the unit.
AC IN
170 - 264V
FG
DC OUT
RC
制御
CB
PG (POWER GOOD)
WRN
L
NOISE
FILTER
(REMOTE ON / OFF)
VB (VOLTAGE BALANCE)
(CURRENT BALANCE)
TRM (ADJUSTMENT OF
OUTPUT VOLTAGE)
(WARNING)
N
FUSE 250V 30A
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
INVERTER
CURRENT
SENSING
VOLTAGE
SENSING
VOLTAGE
SENSING
CONTROL
INVERTER
SYNCHRONIZING
SIGNAL
CURRENT
SENSING
THERMAL
PROTECTION
INTERNAL
REGULATOR
FAN
CONTROL
CONTROL
RECTIFIER
AND
FILTER
OVER VOLTAGE
PROTECTION
THERMAL
PROTECTION
ALARM
WARNING
SIGNAL
MASTER
SLAVE
CONTROL
CONTROL
CURRENT
SENSING
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com