Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FETA2500BA Datasheet(PDF) 10 Page - COSEL CO., LTD.

Part # FETA2500BA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA2500BA Datasheet(HTML) 10 Page - COSEL CO., LTD.

Back Button FETA2500BA Datasheet HTML 6Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 7Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 8Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 9Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 10Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 11Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 12Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 13Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 14Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FETA-10
FETA7000T
Block diagram of internal module
AC IN
170 - 264V
FG
DC OUT
RC
CB
PG (POWER GOOD)
WRN
L
(REMOTE ON / OFF)
VB (VOLTAGE BALANCE)
(CURRENT BALANCE)
TRM(ADJUSTMENT OF
OUTPUT VOLTAGE)
(WARNING)
AUX (12V 0.15A)
N
FUSE 250V 30A
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
INVERTER
RECTIFIER
AND
FILTER
OVER VOLTAGE
PROTECTION
THERMAL
PROTECTION
SYNCHRONIZING
SIGNAL
ALARM
INVERTER
CURRENT
SENSING
VOLTAGE
SENSING
CURRENT
SENSING
CURRENT
SENSING
WARNING
SIGNAL
VOLTAGE
SENSING
MASTER
SLAVE
CONTROL
CONTROL
THERMAL
PROTECTION
NOISE
FILTER
INTERNAL
REGULATOR
FAN
CONTROL
CONTROL
CONTROL
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com