Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FETA2500BA Datasheet(PDF) 9 Page - COSEL CO., LTD.

Part # FETA2500BA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA2500BA Datasheet(HTML) 9 Page - COSEL CO., LTD.

Back Button FETA2500BA Datasheet HTML 5Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 6Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 7Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 8Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 9Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 10Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 11Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 12Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 13Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
FETA-9
FETA7000T
Block diagram
AC IN 170~264V
(3f)
R
S
T
FG
INTERNAL MODULE 1
INTERNAL MODULE 3
INTERNAL MODULE 2
INTERNAL MODULE 1
INTERNAL MODULE 3
INTERNAL MODULE 2
¿
FETA7000T-48
¿
FETA7000T-144
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
L
N
FG
L
N
FG
L
N
FG
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
L
N
FG
L
N
FG
L
N
FG
AC IN 170~264V
(3f)
R
S
T
FG
DC OUT
WRN (WARNING)
PG (POWER GOOD)
VB (VOLTAGE BALANCE)
TRM
(ADJUSTMENT OF OUTPUT VOLTAGE)
CB (CURRENT BALANCE)
RC (REMOTE ON / OFF)
WRN (WARNING)
PG (POWER GOOD)
VB (VOLTAGE BALANCE)
TRM
(ADJUSTMENT OF OUTPUT VOLTAGE)
CB (CURRENT BALANCE)
RC (REMOTE ON / OFF)
AUX (12V 0.15A)
CONTROL
WARNING
SIGNAL
ALARM
MASTER SLAVE
CONTROL
DC OUT
AUX (12V 0.15A)
CONTROL
WARNING
SIGNAL
ALARM
MASTER SLAVE
CONTROL
INTERNAL
REGULATOR
INTERNAL
REGULATOR
NOISE
FILTER
NOISE
FILTER
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com