Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FETA2500BA Datasheet(PDF) 1 Page - COSEL CO., LTD.

Part # FETA2500BA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA2500BA Datasheet(HTML) 1 Page - COSEL CO., LTD.

  FETA2500BA Datasheet HTML 1Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 2Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 3Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 4Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 5Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 6Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 7Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 8Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FETA-1
FETA-series
Feature
High power density
Low profile (Meets 1U height.)
High output voltage
(FETA3000BC-250, FETA7000T-144, FETA7000ST-144)
High efficiency
High-speed response (FETA3000BC)
Harmonic attenuator
(FETA2500BA, 3000BA, 3000BC, 7000ST : Complies with
IEC61000-3-2 Class A
FETA7000T : Complies with IEC61000-3-12)
Complies with SEMI F47
Parallel Operation / Parallel Redundancy Operation
Alarm signals, Remote ON / OFF and other functions
Safety agency approvals
UL62368-1, C-UL(CSA62368-1), EN62368-1
EMI
Complies with FCC Part 15-A, CISPR32-A, EN55032-A,
VCCI-A
(FETA7000ST : Complies with FCC Part 15-A, CISPR32-A,
EN55032-A, VCCI-A by connecting an external EMI/EMC filter)
3-year warranty (Refer to Instruction Manual)
CE marking
Low voltage Directive
RoHS Directive
UKCA marking
Electrical Equipment Safety Regulations
RoHS Regulations
EMS Compliance : EN61204-3, EN61000-6-2
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
AC-DC Power Supplies Enclosed Type
1U
Power
Factor
Correction
EMI
Inrush
current
limiting
OCP
OVP
Remote
ON/OFF
Parallel
Operation
Safety
Approvals
High output
voltage
July 13, 2023
www.cosel.co.jp/en/


Similar Part No. - FETA2500BA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FETA2500BA-36 INFINEON-FETA2500BA-36 Datasheet
1Mb / 38P
Digital Multi-Mode PFC LLC Combo Controller
More results

Similar Description - FETA2500BA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com