Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FETA2500BA Datasheet(PDF) 13 Page - COSEL CO., LTD.

Part # FETA2500BA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA2500BA Datasheet(HTML) 13 Page - COSEL CO., LTD.

Back Button FETA2500BA Datasheet HTML 9Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 10Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 11Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 12Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 13Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 14Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 15Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 16Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 17Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FETA-13
FETA7000ST
Block diagram
AC IN 300~480V (3f 4-Wire)
L3
L2
L1
N
FG
INTERNAL MODULE 1
INTERNAL MODULE 3
INTERNAL MODULE 2
INTERNAL MODULE 1
INTERNAL MODULE 3
INTERNAL MODULE 2
¿
FETA7000ST-48
¿
FETA7000ST-144
FETA7000ST-48
FETA7000ST-144
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
L
N
FG
L
N
FG
L
N
FG
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
DC OUT
WRN
PG
RC
VB
TRM
CB
AUX
L
N
FG
L
N
FG
L
N
FG
AC IN 300~480V (3f 4-Wire)
DC OUT
WRN (WARNING)
PG (POWER GOOD)
VB (VOLTAGE BALANCE)
TRM
(ADJUSTMENT OF OUTPUT VOLTAGE)
CB (CURRENT BALANCE)
RC (REMOTE ON / OFF)
WRN (WARNING)
PG (POWER GOOD)
VB (VOLTAGE BALANCE)
TRM
(ADJUSTMENT OF OUTPUT VOLTAGE)
CB (CURRENT BALANCE)
RC (REMOTE ON / OFF)
AUX (12V 0.15A)
CONTROL
WARNING
SIGNAL
ALARM
MASTER SLAVE
CONTROL
DC OUT
AUX (12V 0.15A)
CONTROL
WARNING
SIGNAL
ALARM
MASTER SLAVE
CONTROL
INTERNAL
REGULATOR
INTERNAL
REGULATOR
L3
L2
L1
N
FG
NOISE
FILTER
NOISE
FILTER
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com