Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FETA2500BA Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # FETA2500BA
Description  FETA-series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

FETA2500BA Datasheet(HTML) 2 Page - COSEL CO., LTD.

  FETA2500BA Datasheet HTML 1Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 2Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 3Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 4Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 5Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 6Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 7Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 8Page - COSEL CO., LTD. FETA2500BA Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
FETA-2
FETA2500BA
AC-DC Power Supplies Enclosed Type
FET A 2500 B A -OO -O
Ordering information
1Series name
2Single output
3Output wattage
4200/230V input
5Version
6Output voltage
7Optional
F2: Reverse air exhaust
R: with Remote ON/OFF
Positive logic control
R
1
2
3
4
5
6
7
MODEL
FETA2500BA-36
FETA2500BA-48
MAX OUTPUT WATTAGE[W]
*1
1980
2496
DC OUTPUT
36V 55A
48V 52A
SPECIFICATIONS
MODEL
FETA2500BA-36
FETA2500BA-48
INPUT
VOLTAGE[V]
AC170 - 264 1f (Output derating is required at AC170V - 180V. Refer to “Derating”)
CURRENT[A]
ACIN 200V
11.3typ
13.8typ
FREQUENCY[Hz]
50 / 60 (47 - 63)
EFFICIENCY[%]
ACIN 230V
80typ (Io=10%)
83typ (Io=10%)
87typ (Io=20%)
89typ (Io=20%)
91typ (Io=50%)
92.5typ (Io=50%)
90typ (Io=100%)
91.5typ (Io=100%)
POWER FACTOR
ACIN 230V
0.98typ (Io=100%)
INRUSH CURRENT[A]
ACIN 200V
*2
20max / 60max (Primary inrush current /Secondary inrush current) (More than 10 sec. to re-start)
LEAKAGE CURRENT[mA]
0.85max (ACIN 240V 60Hz, Io=100%, According to IEC62368-1)
OUTPUT
VOLTAGE[V]
36
48
CURRENT[A]
ACIN 170V-180V Output derating is required at ACIN 180V or less (refer to “Derating”)
ACIN 180V-264V 55
52
LINE REGULATION[mV]
144max
192max
LOAD REGULATION[mV]
360max
480max
RIPPLE[mVp-p]
0 to +50C *3 300max
360max
-10 to 0C
*3
360max
480max
RIPPLE NOISE[mVp-p]
0 to +50C *3 360max
480max
-10 to 0C
*3
480max
600max
TEMPERATURE REGULATION[mV]
0 to +50C
360max
480max
-10 to +50C
440max
600max
DRIFT[mV]
*4
144max
192max
START-UP TIME[s]
1.7max (ACIN 200V, Io=100%)
HOLD-UP TIME[ms] ACIN 200V
10typ (Io=100%)
20typ (Io=50%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] *5 28.80 - 39.60
38.40 - 52.80 *6
OUTPUT VOLTAGE SETTING[V]
36.00 - 37.44
48.00 - 49.92
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Activate over 105% - 120% of rated current and recovers automatically.
(Output voltage shuts down when the output voltage continuously drops due to overcurrent protection.) *7
OVERVOLTAGE PROTECTION[V]
*7
42.00 - 45.00
56.00 - 60.00
DC_OK LAMP
LED (Green)
ALARM LAMP
LED (Amber)
REMOTE ON/OFF
Provided
ISOLATION
INPUT-OUTPUT-AUX-RC-WRN-PG
AC3,000V 1minute, Cutoff current = 25mA, DC500V 50MW min (At room temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 25mA, DC500V 50MW min (At room temperature)
OUTPUT-AUX-RC-WRN-PG-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50MW min (At room temperature)
OUTPUT-AUX-RC-WRN-PG
AC100V 1minute, Cutoff current = 100mA, DC100V 50MW min (At room temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +70C (Refer to “Derating”), 20 - 90%RH (Non condensing), 3,000m (10,000 feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +85C, 20 - 90%RH (Non condensing), 9,000m (30,000 feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each along X, Y and Z axis
SAFETY AND
NOISE REGULATIONS
AGENCY APPROVALS
UL62368-1, C-UL (CSA62368-1), EN62368-1
CONDUCTED NOISE
Complies with FCC Part 15-A, CISPR32-A, EN55032-A, VCCI-A
HARMONIC ATTENUATOR
Complies with IEC61000-3-2 Class A *8
OTHERS
CASE SIZE/WEIGHT
*9
102X41X340mm [4.02X1.61X13.39 inches] (WXHXD) / 2.3kg max
COOLING METHOD
Forced cooling (internal fan)
*1
AUX output power is not included.
*2
The current of input surge to a built-in noise filter (0.2ms or less) is excluded.
*3
Measured by 500MHz oscilloscope.
Ripple and ripple noise is measured on measuring board with capacitor of 22mF within
150mm from the output terminal.
*4
Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C,
with the input voltage held constant at the rated input/output.
*5
Can't be used above the rated output current and the rated output power.
*6
When the output voltage is adjusted to higher than 49.92V and the load factor is over 70%
of the rated current, if the load current changes quickly (< 200msec), the output voltage
drops approximately 5V below the setting voltage.
*7
Output voltage recovers from protection by shutting down the input voltage and waiting
more than 10 seconds then turning on AC input again, or turning off the output voltage by
remote control.
*8
Please contact us about another class.
*9
Case size contains neither the terminal blocks, connector and screw.
*
To meet the specifications, do not operate over-loaded condition.
*
A sound may occur from power supply at peak loading.
Example recommended EMI/EMC filter
NAC-20-472
*A higher current rating EMI/EMC filter
may be recommended in view of the
other devices that could be connected
in parallel with the power supply.
*Make sure necessary tests will be carried out on your end equipment with the power supply installed in accordance with any required EMC/EMI regulations.
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
July 13, 2023
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com