Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL031MP Datasheet(PDF) 46 Page - Texas Instruments

Part # TL031MP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031MP Datasheet(HTML) 46 Page - Texas Instruments

Back Button TL031MP Datasheet HTML 42Page - Texas Instruments TL031MP Datasheet HTML 43Page - Texas Instruments TL031MP Datasheet HTML 44Page - Texas Instruments TL031MP Datasheet HTML 45Page - Texas Instruments TL031MP Datasheet HTML 46Page - Texas Instruments TL031MP Datasheet HTML 47Page - Texas Instruments TL031MP Datasheet HTML 48Page - Texas Instruments TL031MP Datasheet HTML 49Page - Texas Instruments TL031MP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
R5
3.3 k
Ω
2N3904
TL03xA
1 M
Ω
R2
R1
5 k
Ω
R3
80 k
Ω
R4
5 k
Ω
VI
Signal Common
1N4148
RS
100
Ω
RL
50
Ω
IO
5 V Ref
VCC+ = 10 V
VEE = –5 V
100 k
Ω
R7
R6
TL431
100 k
Ω
Figure 66. Three-Wire 4-mA to 20-mA Current Loop
100
Ω
3
2
4
8
5
LTC1044
10
µF
10
µF
R5
3.3 k
Ω
2N3904
TL03xA
1 M
Ω
R2
R1
5 k
Ω
R3
80 k
Ω
R4
5 k
Ω
VI
Signal Common
1N4148
RS
RL
50
Ω
IO
LT1019-5
GND
OUT
IN
5 V Ref
VCC+ = 10 V
Figure 67. Two-Wire 4-mA to 20-mA Current Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com