Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL031MP Datasheet(PDF) 26 Page - Texas Instruments

Part # TL031MP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031MP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TL031MP Datasheet HTML 22Page - Texas Instruments TL031MP Datasheet HTML 23Page - Texas Instruments TL031MP Datasheet HTML 24Page - Texas Instruments TL031MP Datasheet HTML 25Page - Texas Instruments TL031MP Datasheet HTML 26Page - Texas Instruments TL031MP Datasheet HTML 27Page - Texas Instruments TL031MP Datasheet HTML 28Page - Texas Instruments TL031MP Datasheet HTML 29Page - Texas Instruments TL031MP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Distribution of TL03x input offset voltage
6–11
Distribution of TL03x input offset-voltage temperature coefficient
12–14
Input bias current vs Common-mode input voltage
15
Input bias current and input offset current vs Free-air temperature
16
Common-mode input voltage vs Supply voltage
17
Common-mode input voltage vs Free-air temperature
18
Output voltage vs Differential input voltage
19, 20
Maximum peak output voltage vs Supply voltage
21
Maximum peak-to-peak output voltage vs Frequency
22
Maximum peak output voltage vs Output current
23, 24
Maximum peak output voltage vs Free-air temperature
25, 26
Large-signal differential voltage amplification vs Load resistance
27
Large-signal differential voltage amplification and Phase shift vs Frequency
28
Large-signal differential voltage amplification vs Free-air temperature
29
Output impedance vs Frequency
30
Common-mode rejection ratio vs Frequency
31, 32
Common-mode rejection ratio vs Free-air temperature
33
Supply-voltage rejection ratio vs Free-air temperature
34
Short-circuit output current vs Supply voltage
35
Short-circuit output current vs Time
36
Short-circuit output current vs Free-air temperature
37
Equivalent input noise voltage vs Frequency (TL031 and TL031A)
38
Equivalent input noise voltage vs Frequency (TL032 and TL032A)
39
Equivalent input noise voltage vs Frequency (TL034 and TL034A)
40
Supply current vs Supply voltage (TL031 and TL031A)
41
Supply current vs Supply voltage (TL032 and TL032A)
42
Supply current vs Supply voltage (TL034 and TL034A)
43
Supply current vs Free-air temperature (TL031 and TL031A)
44
Supply current vs Free-air temperature (TL032 and TL032A)
45
Supply current vs Free-air temperature (TL034 and TL034A)
46
Slew rate vs Load resistance
47, 48
Slew rate vs Free-air temperature
49, 50
Overshoot factor vs Load capacitance
51
Total harmonic distortion vs Frequency
52
Unity-gain bandwidth vs Supply voltage
53
Unity-gain bandwidth vs Free-air temperature
54
Phase margin vs Supply voltage
55
Phase margin vs Load capacitance
56
Phase margin vs Free-air temperature
57
Voltage-follower small-signal pulse response
58
Voltage-follower large-signal pulse response
59, 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com