Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL031MP Datasheet(PDF) 15 Page - Texas Instruments

Part # TL031MP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031MP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TL031MP Datasheet HTML 11Page - Texas Instruments TL031MP Datasheet HTML 12Page - Texas Instruments TL031MP Datasheet HTML 13Page - Texas Instruments TL031MP Datasheet HTML 14Page - Texas Instruments TL031MP Datasheet HTML 15Page - Texas Instruments TL031MP Datasheet HTML 16Page - Texas Instruments TL031MP Datasheet HTML 17Page - Texas Instruments TL031MP Datasheet HTML 18Page - Texas Instruments TL031MP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL032I and TL032AI electrical characteristics at specified free-air temperature (continued)
TL032I, TL032AI
PARAMETER
TEST CONDITIONS
TA
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
Total power
25
°C
3.8
5
13
17
PD
Total ower
dissipation
VO = 0,
No load
–40
°C
2.9
5
10.9
17
mW
(two amplifiers)
85
°C
3.7
5
12.4
17
Sl
t
25
°C
384
500
434
560
ICC
Supply current
(two amplifiers)
VO = 0,
No load
–40
°C
288
500
362
560
µA
(two am lifiers)
85
°C
372
500
414
560
VO1/VO2
Crosstalk
attenuation
AVD = 100 dB
25
°C
120
120
dB
TL032I and TL032AI operating characteristics at specified free-air temperature
TL032I, TL032AI
PARAMETER
TEST CONDITIONS
TA
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
P
iti
l
t
t
it
25
°C
2
1.5
2.9
SR+
Positive slew rate at unity
gain†
RL = 10 kΩ, CL = 100 pF
–40
°C
1.6
1
2.1
V/
µs
gain†
85
°C
2.3
1.5
3.3
N
ti
l
ttit
25
°C
3.9
1.5
5.1
SR–
Negative slew rate at unity
gain†
RL = 10 kΩ, CL = 100 pF
–40
°C
3.3
1.5
4.8
V/
µs
gain†
85
°C
4.1
1.5
4.9
VI(PP) = ±10 V,
25
°C
138
132
tr
Rise time
VI(PP) = ±10 V,
RL = 10 kΩ, CL = 100 pF
–40
°C
132
123
ns
See Figures 1 and 2
85
°C
154
146
VI(PP) = ±10 V,
25
°C
138
132
tf
Fall time
VI(PP) = ±10 V,
RL = 10 kΩ, CL = 100 pF
–40
°C
132
123
ns
See Figure 1
85
°C
154
146
VI(PP) = ±10 V,
25
°C
11%
5%
Overshoot factor
VI(PP) = ±10 V,
RL = 10 kΩ, CL = 100 pF
–40
°C
12%
5%
See Figures 1 and 2
85
°C
13%
7%
TL032I
f = 10 Hz
25
°C
49
49
√
V
Equivalent input
TL032I
RS = 20 Ω
f = 1 kHz
25
°C
41
41
nV/
√Hz
Vn
q
noise voltage
TL032AI
S
See Figure 3
f = 10 Hz
25
°C
49
49
nV/
√Hz
TL032AI
f = 1 kHz
25
°C
41
41
60
In
Equivalent input noise
current
f = 1 kHz
25
°C
0.003
0.003
pA/
√Hz
VI = 10 mV,
25
°C
1
1.1
B1
Unity-gain bandwidth
VI = 10 mV,
RL = 10 kΩ, CL = 25 pF
–40
°C
1
1.1
MHz
See Figure 4
85
°C
0.9
1
VI = 10 mV,
25
°C
61
°
65
°
φm
Phase margin at unity gain
VI 10 mV,
RL = 10 kΩ, CL = 25 pF
SFi
–40
°C
61
°
65
°
See Figure 4
85
°C
60
°
64
°
† For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com