Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL031MP Datasheet(PDF) 6 Page - Texas Instruments

Part # TL031MP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031MP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL031MP Datasheet HTML 2Page - Texas Instruments TL031MP Datasheet HTML 3Page - Texas Instruments TL031MP Datasheet HTML 4Page - Texas Instruments TL031MP Datasheet HTML 5Page - Texas Instruments TL031MP Datasheet HTML 6Page - Texas Instruments TL031MP Datasheet HTML 7Page - Texas Instruments TL031MP Datasheet HTML 8Page - Texas Instruments TL031MP Datasheet HTML 9Page - Texas Instruments TL031MP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL031C and TL031AC electrical characteristics at specified free-air temperature
TL031C, TL031AC
PARAMETER
TEST CONDITIONS
TA
VCC
± = ±5 V
VCC
± = ±15 V
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
TL031C
25
°C
0.54
3.5
0.5
1.5
VIO
Input offset voltage
VO = 0,
VIC 0
TL031C
Full range†
4.5
2.5
mV
VIO
Input offset voltage
VIC = 0,
RS = 50 Ω
TL031AC
25
°C
0.41
2.8
0.34
0.8
mV
RS = 50 Ω
TL031AC
Full range†
3.8
1.8
TL031C
25
°C to
71
59
a
V
Temperature coefficient of
VO = 0,
VIC 0
TL031C
70
°C
7.1
5.9
µV/°C
a
V
IO
input offset voltage
VIC =0,
RS = 50 Ω
TL031AC
25
°C to
71
59
25
µV/°C
RS = 50 Ω
TL031AC
70
°C
7.1
5.9
25
Input offset voltage
long-term drift‡
VO = 0,
VIC =0,
RS = 50 Ω
25
°C
0.04
0.04
µV/mo
IIO
Input offset current
VO = 0, VIC = 0
25
°C
1
100
1
100
pA
IIO
Input offset current
O
,
IC
See Figure 5
70
°C
9
200
12
200
pA
IIB
Input bias current
VO = 0, VIC = 0
25
°C
2
200
2
200
pA
IIB
Input bias current
O
,
IC
See Figure 5
70
°C
50
400
80
400
pA
VICR
Common-mode input
25
°C
–1.5
to 4
–3.4
to 5.4
–11.5
to 14
–13.4
to 15.4
V
VICR
voltage range
Full range†
–1.5
to 4
–11.5
to 14
V
M
i
iti
k
25
°C
3
4.3
13
14
VOM+
Maximum positive peak
output voltage swing
RL = 10 kΩ
0
°C
3
4.2
13
14
V
out ut voltage swing
70
°C
3
4.3
13
14
M
i
ti
k
25
°C
–3
–4.2
–12.5
–13.9
VOM–
Maximum negative peak
output voltage swing
RL = 10 kΩ
0
°C
–3
–4.1
–12.5
–13.9
V
out ut voltage swing
70
°C
–3
–4.2
–12.5
–14
L
i
l diff
ti l
25
°C
4
12
5
14.3
AVD
Large-signal differential
voltage amplification§
RL = 10 kΩ
0
°C
3
11.1
4
13.5
V/mV
voltage am lification§
70
°C
4
13.3
5
15.2
ri
Input resistance
25
°C
1012
1012
Ω
ci
Input capacitance
25
°C
5
4
pF
Cd
VV
i
25
°C
70
87
75
94
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
VO =0 RS =50 Ω
0
°C
70
87
75
94
dB
rejection ratio
VO = 0, RS = 50 Ω
70
°C
70
87
75
94
Supply-voltage
25
°C
75
96
75
96
kSVR
Su
ly voltage
rejection ratio
( V
/ V)
VO = 0, RS = 50 Ω
0
°C
75
96
75
96
dB
(
∆VCC±/∆VIO)
70
°C
75
96
75
96
† Full range is 0
°C to 70°C.
‡ Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
§ At VCC± = ±5 V, VO = ±2.3 V; at VCC± = ±15 V, VO = ±10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com