Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL031MP Datasheet(PDF) 49 Page - Texas Instruments

Part # TL031MP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031MP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TL031MP Datasheet HTML 45Page - Texas Instruments TL031MP Datasheet HTML 46Page - Texas Instruments TL031MP Datasheet HTML 47Page - Texas Instruments TL031MP Datasheet HTML 48Page - Texas Instruments TL031MP Datasheet HTML 49Page - Texas Instruments TL031MP Datasheet HTML 50Page - Texas Instruments TL031MP Datasheet HTML 51Page - Texas Instruments TL031MP Datasheet HTML 52Page - Texas Instruments TL031MP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
instrumentation amplifier with linear gain adjust
The low offset voltage and low power consumption of the TL03x provide an accurate but inexpensive
instrumentation amplifier (see Figure 70). This particular configuration offers the advantage that the gain can
be linearly set by one resistor:
VO =
R6
R5
× (VB – VA)
Adjusting R6 varies the gain. The value of R6 always should be greater than, or equal to, the value of R5 to
ensure stability. The disadvantage of this instrumentation amplifier topology is the high degree of CMRR
degradation resulting from mismatches between R1, R2, R3, and R4. For this reason, these four resistors
should be 0.1%-tolerance resistors.
+
–
U1C
+
–
U1A
R6
1 M
Ω
VA
VCC+
VO
+
–
+
–
VB
U1B
R2
10 k
Ω
0.1%
R4
10 k
Ω
0.1%
R7
100 k
Ω
R5
100 k
Ω
R1
10 k
Ω
0.1%
R3
10 k
Ω
0.1%
U1D
VCC–
NOTE A: U1A through U1D = TL03x; VCC
± = ±15 V
Figure 70. Instrumentation Amplifier With Linear Gain-Adjust Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com