Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL031MP Datasheet(PDF) 48 Page - Texas Instruments

Part # TL031MP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL031MP Datasheet(HTML) 48 Page - Texas Instruments

Back Button TL031MP Datasheet HTML 44Page - Texas Instruments TL031MP Datasheet HTML 45Page - Texas Instruments TL031MP Datasheet HTML 46Page - Texas Instruments TL031MP Datasheet HTML 47Page - Texas Instruments TL031MP Datasheet HTML 48Page - Texas Instruments TL031MP Datasheet HTML 49Page - Texas Instruments TL031MP Datasheet HTML 50Page - Texas Instruments TL031MP Datasheet HTML 51Page - Texas Instruments TL031MP Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
audio-distribution amplifier
This audio-distribution amplifier (see Figure 69) feeds the input signal to three separate output channels. U1A
amplifies the input signal with a gain of 10, while U1B, U1C, and U1D serve as buffers to the output channels.
The gain response of this circuit is very flat from 20 Hz to 20 kHz. The TL03x allows quick response to the input
signal while maintaining low power consumption.
+
–
VCC+
R4
1 M
Ω
C1
1
µF
U1B
R5
10 k
Ω
R3
100 k
Ω
C2
100
µF
+
–
U1C
+
–
U1D
+
–
U1A
R2
100 k
Ω
R1
100 k
Ω
VI
VCC+
VOA
VOB
VOC
NOTE A: U1A through U1D = TL03x; VCC+ = 5 V
Figure 69. Audio-Distribution Amplifier Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com