Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32H6T Datasheet(PDF) 58 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 54Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 55Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 56Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 57Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 58Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 59Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 60Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 61Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
58/99
Figure 11.
Pin input voltage
7.2
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static
voltages. However, it is advisable to take normal precautions to avoid application of any
voltage higher than the specified maximum rated voltages. It is also recommended to
ground any unused input pin to reduce power consumption and minimize noise.
Note:
Stresses exceeding above listed recommended "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. During overload conditions (VIN>VDDQ or
VIN<VSSQ) the voltage on pins with respect to ground (VSSQ) must not exceed the
recommended values.
VIN
STR9 PIN
Table 10.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Min
Max
VDD
Voltage on VDD pin with respect to ground VSS
-0.3
2.4
V
VDDQ
Voltage on VDDQ pin with respect to ground VSS
-0.3
4.0
V
VBATT
Voltage on VBATT pin with respect to ground VSS
-0.3
4.0
V
AVDD
Voltage on AVDD pin with respect to ground VSS
(128-pin and 144-ball packages)
-0.3
4.0
V
AVREF
Voltage on AVREF pin with respect to ground VSS
(128-pin and 144-ball packages)
-0.3
4.0
V
AVREF_AVDD
Voltage on AVREF_AVDD pin with respect to
Ground VSS (80-pin package)
-0.3
4.0
V
VIN
Voltage on 5V tolerant pins with respect to ground
VSS
-0.3
5.5
V
Voltage on any other pin with respect to ground
VSS
-0.3
4.0
V
TST
Storage Temperature
-55
+150
°C
TJ
Junction Temperature
+125
°C
ESD
ESD Susceptibility (Human Body Model)
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com