Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32H6T Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 12Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 13Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 14Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 15Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 16Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 17Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 18Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 19Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
Functional overview
STR91xFAx32 STR91xFAx42 STR91xFAx44
16/99
Both Flash memories are blank when devices are shipped from ST. The CPU can boot only
from Flash memory (configurable selection of which Flash bank).
Flash memories are programmed half-word (16 bits) at a time, but are erased by sector or
by full array.
3.7.1
Primary Flash memory
Using the STR91xFA device configuration software tool and 3rd party Integrated Developer
Environments, it is possible to specify that the primary Flash memory is the default memory
from which the CPU boots at reset, or otherwise specify that the secondary Flash memory is
the default boot memory. This choice of boot memory is non-volatile and stored in a location
that can be programmed and changed only by JTAG In-System Programming. See
Section 6: Memory mapping, for more detail.
The primary Flash memory has equal length 64K byte sectors. See Table 4 for number of
sectors per device type.
3.7.2
Secondary Flash memory
The smaller of the two Flash memories can be used to implement a bootloader, capable of
storing code to perform robust In-Application Programming (IAP) of the primary Flash
memory. The CPU executes code from the secondary Flash, while updating code in the
primary Flash memory. New code for the primary Flash memory can be downloaded over
any of the interfaces on the STR91xFA (USB, Ethernet, CAN, UART, etc.)
Additionally, the Secondary Flash memory may also be used to store small data sets by
emulating EEPROM through firmware, eliminating the need for external EEPROM
memories. This raises the data security level because passcodes and other sensitive
information can be securely locked inside the STR91xFA device.
The secondary Flash memory is sectored as shown in Table 5 according to device type.
Both the primary Flash memory and the secondary Flash memory can be programmed with
code and/or data using the JTAG In-System Programming (ISP) channel, totally
independent of the CPU. This is excellent for iterative code development and for
manufacturing.
Table 4.
Sectoring of primary Flash memory
Size of Primary Flash
256 KBytes
512 KBytes
Number of sectors
48
Size of each sector
64 Kbytes
Table 5.
Sectoring of secondary Flash memory
Size of Secondary Flash
32 KBytes
Number of sectors
4
Size of each sector
8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com