Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32H6T Datasheet(PDF) 92 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 88Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 89Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 90Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 91Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 92Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 93Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 94Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 95Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 99 page
background image
Package mechanical data
STR91xFAx32 STR91xFAx42 STR91xFAx44
92/99
Figure 38.
128-Pin low profile quad flat package (LQFP128)
32
33
64
65
96
97
128
E1
E
D1
D
1
b
e
E3
D3
PIN 1
IDENTIFICATION
SEATING
PLANE
C
0.25 mm
GAGE PLANE
L
L1
k
C
ccc
Dim.
mm
inches1]
Min
Typ
Max
Min
Typ
Max
A
1.60
0.0630
A1
0.05
0.15 0.0020
0.0059
A2
1.35 1.40 1.45 0.0531 0.0551 0.0571
b
0.13 0.18 0.23 0.0051 0.0071 0.0091
c
0.09
0.20 0.0035
0.0079
D
15.80 16.00 16.20 0.6220 0.6299 0.6378
D1
13.80 14.00 14.20 0.5433 0.5512 0.5591
D3
12.40
0.4882
E
15.80 16.00 16.20 0.6220 0.6299 0.6378
E1
13.80 14.00 14.20 0.5433 0.5512 0.5591
E3
12.40
0.4882
e
0.40
0.0157
L
0.45 0.60 0.75 0.0177 0.0236 0.0295
L1
1.00
0.0394
k
0d
3.5d
7d
0d
3.5d
7d
ccc
0.08
0.0031
Number of Pins
N
128
1Values in inches are converted from
mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com