Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32H6T Datasheet(PDF) 87 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 83Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 84Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 85Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 86Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 87Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 88Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 89Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 90Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
87/99
7.13
ADC electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 46.
General ADC electrical characteristics
Symbol
Parameter(1)
Test
Conditions
Value
Unit
Min
Typ
Max
VAIN
Input Voltage Range
0
AVREF
V
RES
Resolution
10
Bits
NCH
Number of Input Channels
8
N
fADC
ADC Clock Frequency
25
MHz
tPOR(ADC) POR bit set to Standby mode
500
ms
tck_off(ADC) ADC clock disabled before conversion
(2)
1ms
tSTAB
Stabilization time
15
µs
CIN
Input Capacitance
5
pF
ED
Differential Non-Linearity
(3) (4)
13
LSB(5)
EL
Integral Non-Linearity
(3)
36
LSB(5)
EO
Offset Error
(3)
36
LSB(5)
EG
Gain Error
(3)
0.5
2
LSB(5)
ET
Total Unadjusted Error
(3)
46
LSB(5)
IADC
Power Consumption
4.6
mA
1.
Guaranteed by design, not tested in production.
2.
The ADC clock can be disabled by setting the ADC bit in the SCU_PCGR1 register or by setting the ACG bit in the
SCU_GPIOANA register (for Rev H only)
3.
Conditions: AVSS = 0 V, AVDD = 3.3 V fADC = 25 MHz.
4.
The A/D is monotonic, there are no missing codes.
5.
1 LSB = (AVDD - AVSS)/1024
Table 47.
ADC conversion time (silicon Rev H)
Symbol
Parameter(1) (2)
Test
Conditions
Value
Unit
Min
Typ
Max
tCONV(S] Single mode conversion time
1*16/fADC
2*16/fADC
µs
fADC = 24 MHz
0.66
1.33
TR(S)
Single mode throughput rate (3)
fADC = 24 MHz
750
ksps
tCONV(C] Continuous mode conversion time
(4)
1*16/fADC
µs
fADC = 24 MHz
0.66
µs
TR(C)
Continuous mode throughput rate
fADC = 24 MHz
1500
ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com