Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32H6T Datasheet(PDF) 60 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 56Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 57Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 58Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 59Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 60Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 61Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 62Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 63Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
60/99
7.3
Operating conditions
7.3.1
Operating conditions at power-up / power-down
Subject to general operating conditions for TA.
Table 12.
Operating conditions
Symbol
Parameter
Value
Unit
Min
Max
VDD
Digital CPU supply voltage
1.65
2.0
V
VDDQ
Digital I/O supply voltage
2.7
3.6
V
VBATT
(1)
1.
The VBATT pin should be connected to VDDQ if no battery is installed
SRAM backup and RTC supply voltage
2.5
3.6
V
AVDD
Analog ADC supply voltage (128-pin and
144-ball packages)
2.7
VDDQ
V
AVREF
Analog ADC reference voltage (128-pin and
144-ball packages)
2.65
AVDD
(2)
2.
AVREF must never exceed VDDQ
V
AVREF_AVDD
Combined analog ADC reference and ADC
supply voltage (80-pin package)
2.7
VDDQ
V
TA
Ambient temperature under bias
-40
+85
C
Table 13.
Operating conditions at power-up / power-down
Symbol
Parameter
Min(1)
1.
Data guaranteed by characterization, not tested in production.
Max(1)
Unit
tVDD
VDD rise time rate
10
µs/V
10
ms/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com