Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32H6T Datasheet(PDF) 47 Page - STMicroelectronics

Part # STR910FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32H6T Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STR910FAM32H6T Datasheet HTML 43Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 44Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 45Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 46Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 47Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 48Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 49Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 50Page - STMicroelectronics STR910FAM32H6T Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Pin description
47/99
34
55
K7
P3.0
I/O
GPIO_3.0,
GP Input, HiZ
DMA_RQST0,
Ext DMA requst
UART0_RxD,
UART rcv data
GPIO_3.0,
GP Output
UART2_TX,
UART xmit data
TIM0_OCMP1,
Out comp/PWM
37
59
M10
P3.1
I/O
GPIO_3.1,
GP Input, HiZ
DMA_RQST1,
Ext DMA requst
UART2_RxD,
UART rcv data
GPIO_3.1,
GP Output
UART0_TX,
UART xmit data
TIM1_OCMP1,
Out comp/PWM
38
60
M11
P3.2
I/O
GPIO_3.2,
GP Input, HiZ
EXINT2,
External Intr
UART1_RxD,
UART rcv data
GPIO_3.2,
GP Output
CAN_TX,
CAN Tx data
UART0_DTR,
Data Trmnl Rdy
39
61
J8
P3.3
I/O
GPIO_3.3,
GP Input, HiZ
EXINT3,
External Intr
CAN_RX,
CAN rcv data
GPIO_3.3,
GP Output
UART1_TX,
UART xmit data
UART0_RTS,
Ready To Send
40
63
L9
P3.4
I/O
GPIO_3.4,
GP Input, HiZ
EXINT4,
External Intr
SSP1_SCLK,
SSP slv clk in
GPIO_3.4,
GP Output
SSP1_SCLK,
SSP mstr clk out
UART0_TX,
UART xmit data
41
65
L10
P3.5
I/O
GPIO_3.5,
GP Input, HiZ
EXINT5,
External Intr
SSP1_MISO,
SSP mstr data in
GPIO_3.5,
GP Output
SSP1_MISO,
SSP slv data out
UART2_TX,
UART xmit data
42
66
M12
P3.6
I/O
GPIO_3.6,
GP Input, HiZ
EXINT6,
External Intr
SSP1_MOSI,
SSP slv dat in
GPIO_3.6,
GP Output
SSP1_MOSI,
SSP mstr dat out
CAN_TX,
CAN Tx data
43
68
K11
P3.7
I/O
GPIO_3.7,
GP Input, HiZ
EXINT7,
External Intr
SSP1_NSS,
SSP slv select in
GPIO_3.7,
GP Output
SSP1_NSS,
SSP mstr sel out
TIM1_OCMP1,
Out comp/PWM
4
3
C2
P4.0
I/O
GPIO_4.0,
GP Input, HiZ
ADC0,
ADC input chnl
TIM0_ICAP1,
Input Capture
GPIO_4.0,
GP Output
TIM0_OCMP1,
Out comp/PWM
ETM_PCK0,
ETM Packet
3
2
B2
P4.1
I/O
GPIO_4.1,
GP Input, HiZ
ADC1,
ADC input chnl
TIM0_ICAP2,
Input Capture
GPIO_4.1,
GP Output
TIM0_OCMP2,
Out comp
ETM_PCK1,
ETM Packet
2
1
A1
P4.2
I/O
GPIO_4.2,
GP Input, HiZ
ADC2,
ADC input chnl
TIM1_ICAP1,
Input Capture
GPIO_4.2,
GP Output
TIM1_OCMP1,
Out comp/PWM
ETM_PCK2,
ETM Packet
1
128
B3
P4.3
I/O
GPIO_4.3,
GP Input, HiZ
ADC3,
ADC input chnl
TIM1_ICAP2,
Input Capture
GPIO_4.3,
GP Output
TIM1_OCMP2,
Out comp
ETM_PCK3,
ETM Packet
80
127
C4
P4.4
I/O
GPIO_4.4,
GP Input, HiZ
ADC4,
ADC input chnl
TIM2_ICAP1,
Input Capture
GPIO_4.4,
GP Output
TIM2_OCMP1,
Out comp/PWM
ETM_PSTAT0,
ETM pipe status
79
126
B4
P4.5
I/O
GPIO_4.5,
GP Input, HiZ
ADC5,
ADC input chnl
TIM2_ICAP2,
Input Capture
GPIO_4.5,
GP Output
TIM2_OCMP2,
Out comp
ETM_PSTAT1,
ETM pipe status
78
125
A4
P4.6
I/O
GPIO_4.6,
GP Input, HiZ
ADC6,
ADC input chnl
TIM3_ICAP1,
Input Capture
GPIO_4.6,
GP Output
TIM3_OCMP1,
Out comp/PWM
ETM_PSTAT2,
ETM pipe status
77
124
D5
P4.7
I/O
GPIO_4.7,
GP Input, HiZ
ADC7,
ADC input chnl
/ADC Ext. trigger
TIM3_ICAP2,
Input Capture
GPIO_4.7,
GP Output
TIM3_OCMP2,
Out comp
ETM_TRSYNC,
ETM trace sync
9
12
E4
P5.0
I/0
GPIO_5.0,
GP Input, HiZ
EXINT8,
External Intr
CAN_RX,
CAN rcv data
GPIO_5.0,
GP Output
ETM_TRCLK,
ETM trace clock
UART0_TX,
UART xmit data
12
18
F6
P5.1
I/0
GPIO_5.1,
GP Input, HiZ
EXINT9,
External Intr
UART0_RxD,
UART rcv data
GPIO_5.1,
GP Output
CAN_TX,
CAN Tx data
UART2_TX,
UART xmit data
17
25
K1
PHYCLK
_P5.2
I/O
GPIO_5.2,
GP Input, HiZ
EXINT10,
External Intr
UART2_RxD,
UART rcv data
GPIO_5.2,
GP Output
MII_PHYCLK,
25Mhz to PHY
TIM3_OCMP1,
Out comp/PWM
18
27
H2
P5.3
I/O
GPIO_5.3,
GP Input, HiZ
EXINT11,
External Intr
ETM_EXTRIG,
ETM ext. trigger
GPIO_5.3,
GP Output
MII_TX_EN,
MAC xmit enbl
TIM2_OCMP1,
Out comp/PWM
44
70
J12
P5.4
I/O
GPIO_5.4,
GP Input, HiZ
EXINT12,
External Intr
SSP0_SCLK,
SSP slv clk in
GPIO_5.4,
GP Output
SSP0_SCLK,
SSP mstr clk out
EMI_CS0n,
EMI Chip Select
Table 9.
Device pin description (continued)
Pkg
Pin
Name
Default Pin
Function
Default
Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com