Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP.A Datasheet(PDF) 16 Page - Texas Instruments

Part # TLE2027MDREP.A
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLE2027MDREP.A Datasheet HTML 12Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 13Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 14Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 15Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 16Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 17Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 18Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 19Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
0
−30
−42
2
4
6
8
10
12
14
16
18
20
−32
−34
−36
−38
−40
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
 VCC± − Supply Voltage − V
VID = 100 mV
VO = 0
TA = 25°C
P Package
10
0
f − Frequency − Hz
100 M
140
100
1 k
10 k
100 k
1 M
10 M
20
40
60
80
100
120
kSVR−
kSVR+
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
TA = 25°C
VCC± = ±15 V
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
0
30
44
2
4
6
8
10
12
14
16
18
20
32
34
36
38
40
42
VID = −100 mV
VO = 0
TA = 25°C
P Package
 VCC± − Supply Voltage − V
0
−35
t − Elapsed Time − s
180
−45
30
60
90
120
150
−37
−39
−41
−43
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
P Package
TA = 25°C
VO = 0
VID = 100 mV
VCC± = ±15 V
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 26.
Figure 27.
Figure 28.
Figure 29.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com