Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP.A Datasheet(PDF) 6 Page - Texas Instruments

Part # TLE2027MDREP.A
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLE2027MDREP.A Datasheet HTML 2Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 3Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 4Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 5Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 6Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 7Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 8Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 9Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
Electrical Characteristics
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25
°C
20
100
VIO
Input offset voltage
VIC = 0, RS = 50 Ω
μV
Full range
200
αVIO
Temperature coefficient of input offset voltage
VIC = 0, RS = 50 Ω
Full range
0.4
μV/
°C
Input offset voltage long-term drift(2)
VIC = 0, RS = 50 Ω
25
°C
0.006
μV/mo
25
°C
6
90
IIO
Input offset current
VIC = 0, RS = 50 Ω
nA
Full range
150
25
°C
15
90
IIB
Input bias current
VIC = 0, RS = 50 Ω
nA
Full range
150
–11
–13
25
°C
to
to
11
13
VICR
Common-mode input voltage range
RS = 50 Ω
V
–10.3
Full range
to
10.3
25
°C
10.5
12.9
RL = 600 Ω
Full range
10
VOM+
Maximum positive peak output voltage swing
V
25
°C
12
13.2
RL = 2 kΩ
Full range
11
25
°C
–10.5
–13
RL = 600 Ω
Full range
–10
VOM–
Maximum negative peak output voltage swing
V
25
°C
–12
–13.5
RL = 2 kΩ
Full range
–11
VO = ±11 V, RL = 2 kΩ
25
°C
5
45
VO = ±10 V, RL = 2 kΩ
Full range
2.5
AVD
Large-signal differential voltage amplification
25
°C
3.5
38
V/
μV
VO = ±10 V, RL = 1 kΩ
Full range
1.8
VO = ±10 V, RL = 600 Ω
25
°C
2
19
Ci
Input capacitance
25
°C
8
pF
zo
Open-loop output impedance
IO = 0
25
°C
50
Ω
25
°C
100
131
VIC = VICRmin,
CMRR
Common-mode rejection ratio
dB
RS = 50 Ω
Full range
96
VCC± = ±4 V to ±18 V,
25
°C
94
144
RS = 50 Ω
kSVR
Supply-voltage rejection ratio (
ΔVCC±/ΔVIO)
dB
VCC± = ±4 V to ±18 V,
Full range
90
RS = 50 Ω
25
°C
3.8
5.3
ICC
Supply current
VO = 0, No load
mA
Full range
5.6
(1)
Full range is –55
°C to 125°C.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com