Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP.A Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2027MDREP.A
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP.A Datasheet(HTML) 1 Page - Texas Instruments

  TLE2027MDREP.A Datasheet HTML 1Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 2Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 3Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 4Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 5Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 6Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 7Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 8Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
OFFSET N1
IN-
IN+
V
CC-
OFFSET N2
V
CC+
OUT
NC
DPACKAGE
(TOP VIEW)
DESCRIPTION
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
–
VIO . . . 100 μV Max
• Controlled Baseline
–
AVD . . . 45 V/μV Typ With RL = 2 kΩ,
19 V/
μV Typ With RL = 600 Ω
–
One Assembly/Test Site, One Fabrication
Site
• Available in Standard-Pinout Small-Outline
Package
• Extended Temperature Performance of
–55
°C to 125°C
• Output Features Saturation Recovery Circuitry
• Enhanced Diminishing Manufacturing Sources
• Macromodels and Statistical information
(DMS) Support
• Enhanced Product-Change Notification
• Qualification Pedigree(1)
• Outstanding Combination of DC Precision and
AC Performance:
–
Unity-Gain Bandwidth . . . 13 MHz Typ
–
Vn . . . 3.3 nV/√Hz at f = 10 Hz Typ,
2.5 nV/
√Hz at f = 1 kHz Typ
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The TLE2027 contains innovative circuit design expertise and high-quality process control techniques to produce
a level of ac performance and dc precision previously unavailable in single operational amplifiers. Manufactured
using TI's state-of-the-art Excalibur process, these devices allow upgrades to systems that use lower-precision
devices.
In the area of dc precision, the TLE2027 offers maximum offset voltages of 100
μV, common-mode rejection
ratio of 131 dB (typ), supply voltage rejection ratio of 144 dB (typ), and dc gain of 45 V/
μV (typ).
The ac performance of the TLE2027 is highlighted by a typical unity-gain bandwidth specification of 15 MHz, 55
°
of phase margin, and noise voltage specifications of 3.3 nV/
√Hz and 2.5 nV/√Hz at frequencies of 10 Hz and
1 kHz, respectively.
The TLE2027 is available in a wide variety of packages, including the industry-standard 8-pin small-outline
version for high-density system applications. The device is characterized for operation over the full military
temperature range of –55
°C to 125°C.
ORDERING INFORMATION(1)
PACKAGED DEVICES
VIOmax AT
TA
25
°C
SMALL OUTLINE(2) (D)
–55
°C to 125°C
100
μV
TLE2027MDREP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The D package is available taped and reeled with 2500 units/reel.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLE2027MDREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027MDREP TI1-TLE2027MDREP Datasheet
795Kb / 28P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - TLE2027MDREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com