Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP.A Datasheet(PDF) 12 Page - Texas Instruments

Part # TLE2027MDREP.A
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP.A Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLE2027MDREP.A Datasheet HTML 8Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 9Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 10Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 11Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 12Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 13Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 14Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 15Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
0
−12
VIC − Common-Mode Input Voltage − V
− 8
− 4
0
4
8
12
5
10
15
20
25
30
35
40
TA = 25°C
VCC
± = ±15 V
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
−20
−75
TA − Free-Air Temperature − °C
−10
0
10
20
30
40
50
60
−50 −25
0
25
50
75
100 125 150
VCC
± = ±15 V
VIC = 0
Sample Size = 836 Units
From 2 Wafer Lots
NOTE A: Data at high and low temperatures are applicable
only
within
the
rated
operating
free-air
temperature ranges of the various devices.
−1
−1.8
VID − Differential Input Voltage − V
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−1.2
−0.6
0
0.6
1.2
1.8
INPUT CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
VCC
± = ±15 V
VIC = 0
TA = 25°C
TA = −55°C
TA = 125°C
10 M
1 M
100 k
30
25
20
15
10
5
f − Frequency − Hz
10 k
0
VCC± = ±15 V
RL = 2 kΩ
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE
vs
FREQUENCY
NOTE A: Data at high and low temperatures are applicable only
within the rated operating free-air temperature ranges of
the various devices.
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 10.
Figure 11.
Figure 12.
Figure 13.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com