Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP.A Datasheet(PDF) 8 Page - Texas Instruments

Part # TLE2027MDREP.A
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLE2027MDREP.A Datasheet HTML 4Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 5Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 6Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 7Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 8Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 9Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 10Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 11Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
V
O
20 W
20 W
2kW
-15V
15V
+
-
R =2k
L
W
C =
L
100pF
(seeNote A)
V
O
-15V
V
I
+
-
15V
R
f
NOTE A:C includesfixturecapacitance.
L
R
I
V
O
2kW
C =
L
100pF
(seeNote A)
10kW
100 W
V
I
-15V
15V
+
-
NOTE A:C includesfixturecapacitance.
L
V
O
2kW
-15V
15V
-
+
V
I
C =
L
100pF
(seeNote A)
NOTE A:C includesfixturecapacitance.
L
R
f
R
I
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
Figure 1. Slew-Rate Test Circuit
Figure 2. Noise-Voltage Test Circuit
Figure 3. Unity-Gain Bandwidth and
Figure 4. Small-Signal Pulse-Response Test Circuit
Phase-Margin Test Circuit
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com