Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027MDREP.A Datasheet(PDF) 9 Page - Texas Instruments

Part # TLE2027MDREP.A
Description  Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLE2027MDREP.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2027MDREP.A Datasheet HTML 5Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 6Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 7Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 8Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 9Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 10Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 11Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 12Page - Texas Instruments TLE2027MDREP.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
DEVICE INFORMATION
Typical Values
Initial Estimates of Parameter Distributions
4.5
5
4
3.5
3
2.5
TA − Free-Air Temperature − °C
150
125
100
75
50
25
0
−25
−50
−75
(5% of the devices fell below this point)
5% point on the distribution bar
and lower points on the distribution bar.
90% of the devices were within the upper
(5% of the devices fell above this point)
95% point on the distribution bar
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
VO = 0
No Load
Sample Size = 835 Units
From 2 Water Lots
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
Typical values presented in this data sheet represent the median (50% point) of device parametric performance.
In the ongoing program of improving data sheets and supplying more information to our customers, Texas
Instruments has added an estimate of not only the typical values but also the spread around these values.
These are in the form of distribution bars that show the 95% (upper) points and the 5% (lower) points from the
characterization of the initial wafer lots of this new device type (see Figure 5). The distribution bars are shown at
the points where data was actually collected. The 95% and 5% points are used instead of
±3 sigma since some
of the distributions are not true Gaussian distributions.
The number of units tested and the number of different wafer lots used are on all of the graphs where
distribution bars are shown. As noted in Figure 5, there were a total of 835 units from two wafer lots. In this
case, there is a good estimate for the within-lot variability and a possibly poor estimate of the lot-to-lot variability.
This is always the case on newly released products since there can only be data available from a few wafer lots.
The distribution bars are not intended to replace the minimum and maximum limits in the electrical tables. Each
distribution bar represents 90% of the total units tested at a specific temperature. While 10% of the units tested
fell outside any given distribution bar, this should not be interpreted to mean that the same individual devices fell
outside every distribution bar.
Figure 5. Sample Graph With Distribution Bars
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com