Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 43Page - Texas Instruments TMS470MF06607 Datasheet HTML 44Page - Texas Instruments TMS470MF06607 Datasheet HTML 45Page - Texas Instruments TMS470MF06607 Datasheet HTML 46Page - Texas Instruments TMS470MF06607 Datasheet HTML 47Page - Texas Instruments TMS470MF06607 Datasheet HTML 48Page - Texas Instruments TMS470MF06607 Datasheet HTML 49Page - Texas Instruments TMS470MF06607 Datasheet HTML 50Page - Texas Instruments TMS470MF06607 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
5.3
SPIn Master Mode Timing Parameters
Table 5-16. SPIn Master Mode External Timing Parameters (CLOCK PHASE = 0, SPInCLK = output,
SPInSIMO = output, and SPInSOMI = input)(1)(2)(3)
(see Figure 5-13 and Figure 5-14)
NO.
MIN
MAX
UNIT
1
tc(SPC)M
Cycle time, SPICLK(4)
90
256tc(VCLK)
Pulse duration, SPICLK high
0.5tc(SPC)M - tr
0.5tc(SPC)M + 5
tw(SPCH)M
(clock polarity = 0)
2(5)
Pulse duration, SPICLK low (clock polarity =
0.5tc(SPC)M - tf
0.5tc(SPC)M + 5
tw(SPCL)M
1)
Pulse duration, SPICLK low (clock polarity =
0.5tc(SPC)M - tf
0.5tc(SPC)M + 5
tw(SPCL)M
0)
3(5)
Pulse duration, SPICLK high
0.5tc(SPC)M - tr
0.5tc(SPC)M + 5
tw(SPCH)M
(clock polarity = 1)
Delay time, SPISIMO data valid before
0.5tc(SPC)M - 15
td(SIMO-SPCL)M
SPICLK low (clock polarity = 0)
4(5)
Delay time, SPISIMO data valid before
0.5tc(SPC)M - 15
td(SIMO-SPCH)M
SPICLK high (clock polarity = 1)
Valid time, SPISIMO data valid
0.5tc(SPC)M - tf(SPC)
tv(SPCL-SIMO)M
(clock polarity = 0)
5(5)
Valid time, SPISIMO data valid
0.5tc(SPC)M - tr(SPC)
tv(SPCH-SIMO)M
(clock polarity = 1)
Setup time, SPISOMI before SPICLK low
4
tsu(SOMI-SPCL)M
(clock polarity = 0)
ns
6(5)
Setup time, SPISOMI before SPICLK high
4
tsu(SOMI-SPCH)M
(clock polarity = 1)
Hold time, SPISOMI data valid after SPICLK
8
th(SPCL-SOMI)M
low (clock polarity = 0)
7(5)
Hold time, SPISOMI data valid after SPICLK
8
th(SPCH-SOMI)M
high (clock polarity = 1)
(C2TDELAY+CSHOLD+2)*
(C2TDELAY+CSHOLD+
Setup time CS active until SPICLK high
tc(VCLK) - tf(SPICS) +
2)*tc(VCLK) - tf(SPICS) +
(clock polarity = 0)
tr(SPICLK)-6
tr(SPICLK)+38
8(5)(6)
tC2TDELAY
(C2TDELAY+CSHOLD+2)*
(C2TDELAY+CSHOLD+
Setup time CS active until SPICLK low
tc(VCLK) - tf(SPICS) +
2)*tc(VCLK) - tf(SPICS) +
(clock polarity = 1)
tf(SPICLK)-6
tf(SPICLK)+38
9(5)(6)
0.5*tc(SPC)M +
0.5*tc(SPC)M +
Hold time SPICLK low until CS inactive
T2CDELAY*tc(VCLK) +
T2CDELAY*tc(VCLK) +
(clock polarity = 0)
tc(VCLK) - tf(SPICLK) +
tc(VCLK) - tf(SPICLK) +
tr(SPICS)-28
tr(SPICS)+8
tT2CDELAY
0.5*tc(SPC)M +
0.5*tc(SPC)M +
Hold time SPICLK high until CS inactive
T2CDELAY*tc(VCLK) +
T2CDELAY*tc(VCLK) +
(clock polarity = 1)
tc(VCLK) - tr(SPICLK) +
tc(VCLK) - tr(SPICLK) +
tr(SPICS)-28
tr(SPICS)+8
10(6)
C2TDELAY * tc(VCLK) -
C2TDELAY *tc(VCLK)
tSPIENA
SPIENAn sample point
ns
tf(SPICS)
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is clear.
(2)
tc(VCLK) = interface clock cycle time = 1 / f(VCLK).
(3)
For rise and fall timings, see Table 5-13.
(4)
When the SPI is in Master mode, the following must be true:
•
For PS values from 1 to 255: t
≥ (PS +1)tc(VCLK) ≥ 90 ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
•
For PS values of 0: tc(SPC)M = 2tc(VCLK) ≥ 90 ns.
(5)
The active edge of the SPInCLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
(6)
C2TDELAY and T2CDELAY are programmed in the SPIDELAY register.
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
47
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com