Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 2Page - Texas Instruments TMS470MF06607 Datasheet HTML 3Page - Texas Instruments TMS470MF06607 Datasheet HTML 4Page - Texas Instruments TMS470MF06607 Datasheet HTML 5Page - Texas Instruments TMS470MF06607 Datasheet HTML 6Page - Texas Instruments TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments TMS470MF06607 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
TMS470MF06607
SPNS157C
– JANUARY 2012
www.ti.com
1.4
Terms and Acronyms
Table 1-1. Terms and Acronyms
Terms and Acronyms
Description
Comments
A2V
AHB to VBUSP Bridge
The A2V bridge provides the memory interface between the
proprietary TI VBUSP and the ARM AHB bus in the TMS470
platform devices.
ADC
Analog To Digital Converter
AHB
Advanced High-performance Bus
Part of the M3 core
BMM
Bus Matrix Master
The BMM provides connectivity between different bus slave
modules to different bus master modules. Accesses from
different master modules are executed in parallel if no resource
conflict occurs or if the master modules are kept in series
through arbitration
CRC
Cyclic Redundancy Check Controller
DAP
Debug Access Port
DAP is an implementation of an ARM Debug Interface.
DCAN
Controller Area Network
DWD
Digital Watchdog
ECC
Error Correction Code
ESM
Error Signaling Module
GIO
General-Purpose Input/Output
HET
High-End Timer
ICEPICK
In Circuit Emulation TAP (Test Access Port)
ICEPick can connect or isolate a module level TAP to or from a
Selection Module
higher level chip TAP. ICEPick was designed with both
emulation and test requirements in mind.
JTAG
Joint Test Access Group
IEEE Committee responsible for Test Access Ports
JTAG-DP
JTAG Debug Port
JTAG-DP contains a debug port state machine (JTAG) that
controls the JTAG-DP operation, including controlling the scan
chain interface that provides the external physical interface to
the JTAG-DP. It is based closely on the JTAG TAP State
Machine, see IEEE Std 1149.1-2001.
LBIST
Logic Built-In Self Test
Test the integrity of M3 CPU
LIN
Local Interconnect Network
M3VIM
Cortex-M3 Vectored Interrupt Manager
MBIST
Memory Built-In Self Test
Test the integrity of SRAM
MibSPI
Multi-Buffered Serial Peripheral Interface
MPU
Protection Unit
NVIC
Nested Vectored Interrupt Controller
Part of the M3 core
OSC
Oscillator
PCR
Peripheral Central Resource
PLL
Phase-Locked Loop
PSA
Parallel Signature Analysis
RTI
Real-Time Interrupt
SCI
Serial Communication Interface
SECDED
Single Error Correction and Double Error
Detection
STC
Self Test Controller
SYS
System Module
VBUS
Virtual Bus
One of the protocols that comprises CBA (Common Bus
Architecture)
VBUSP
Virtual Bus-Pipelined
One of the protocols that comprises CBA (Common Bus
Architecture)
VREG
Voltage Regulator
6
Features
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com