Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 7Page - Texas Instruments TMS470MF06607 Datasheet HTML 8Page - Texas Instruments TMS470MF06607 Datasheet HTML 9Page - Texas Instruments TMS470MF06607 Datasheet HTML 10Page - Texas Instruments TMS470MF06607 Datasheet HTML 11Page - Texas Instruments TMS470MF06607 Datasheet HTML 12Page - Texas Instruments TMS470MF06607 Datasheet HTML 13Page - Texas Instruments TMS470MF06607 Datasheet HTML 14Page - Texas Instruments TMS470MF06607 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
Table 2-6. Peripheral Select Map with Address Range
PERIPHERAL
CONNECTING MODULE
BASE ADDRESS
END ADDRESS
SELECTS
MibSPIP2
0xFFF7_F600
0xFFF7_F7FF
PS[2]
MibSPI1
0xFFF7_F400
0xFFF7_F5FF
LIN/SCI1
0xFFF7_E500
0xFFF7_E5FF
PS[6]
LIN/SCI2
0xFFF7_E400
0xFFF7_E4FF
DCAN2
0xFFF7_DE00
0xFFF7_DFFF
PS[8]
DCAN1
0xFFF7_DC00
0xFFF7_DDFF
ADC
0xFFF7_C000
0xFFF7_C1FF
PS[15]
GIO
0xFFF7_BC00
0xFFF7_BCFF
PS[16]
HET
0xFFF7_B800
0xFFF7_B8FF
PS[17]
2.1.3
Flash Memory
When in pipeline mode, the Flash operates with a system clock frequency of up to 80 MHz (versus a
system clock in non-pipeline mode of up to 28 MHz). Flash in pipeline mode is capable of accessing
128-bit words and provides four 32-bit pipelined words to the CPU.
NOTE
1. After a system reset, pipeline mode is disabled [FRDCNTL[2:0] is 000b, see the Flash
chapter in the TMS470M Series Technical Reference Manual (SPNU495). In other
words, the device powers up and comes out of reset in non-pipeline mode.
2. The flash external pump voltage (VCCP) is required for all operations (program,
erase, and read).
2.1.4
Flash Program and Erase
The TMS470MF06607 device flash contains one 512K-byte memory array (or bank) and one 128K-byte
bank for a total of 15 sectors. These 15 sectors are sized as shown in Table 2-7.
The minimum size for an erase operation is one sector. The maximum size for a program operation is one
16-bit word.
Table 2-7. Flash Memory Banks and Sectors
SECTOR
MEMORY ARRAYS (OR
SEGMENT
LOW ADDRESS
HIGH ADDRESS
NO.
BANKS)
0
16k
0x0000_0000
0x0000_3FFF
BANK 0
(512K Bytes)
1
16k
0x0000_4000
0x0000_7FFF
2
32k
0x0000_8000
0x0000_FFFF
3
64k
0x0001_0000
0x0001_FFFF
4
64k
0x0002_0000
0x0002_FFFF
5
64k
0x0003_0000
0x0003_FFFF
6
64k
0x0004_0000
0x0004_FFFF
7
64k
0x0005_0000
0x0005_FFFF
8
64k
0x0006_0000
0x0006_FFFF
9
64k
0x0007_0000
0x0007_FFFF
Copyright
© 2012, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com