Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470MF06607 Datasheet(PDF) 53 Page - Texas Instruments

Part # TMS470MF06607
Description  TMS470MF06607 16/32-Bit RISC Flash Microcontroller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS470MF06607 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS470MF06607 Datasheet HTML 49Page - Texas Instruments TMS470MF06607 Datasheet HTML 50Page - Texas Instruments TMS470MF06607 Datasheet HTML 51Page - Texas Instruments TMS470MF06607 Datasheet HTML 52Page - Texas Instruments TMS470MF06607 Datasheet HTML 53Page - Texas Instruments TMS470MF06607 Datasheet HTML 54Page - Texas Instruments TMS470MF06607 Datasheet HTML 55Page - Texas Instruments TMS470MF06607 Datasheet HTML 56Page - Texas Instruments TMS470MF06607 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
TMS470MF06607
www.ti.com
SPNS157C
– JANUARY 2012
Table 5-19. SPIn Slave Mode External Timing Parameters (CLOCK PHASE = 1, SPInCLK = input,
SPInSIMO = input, and SPInSOMI = output)(1)(2)(3)(4)
(see Figure 5-19 and Figure 5-20)
NO.
MIN
MAX
UNIT
1
tc(SPC)S
Cycle time, SPInCLK(5)
90
tw(SPCH)S
Pulse duration, SPInCLK high (clock polarity = 0)
30
2(6)
tw(SPCL)S
Pulse duration, SPInCLK low (clock polarity = 1)
30
tw(SPCL)S
Pulse duration, SPInCLK low (clock polarity = 0)
30
3(6)
tw(SPCH)S
Pulse duration, SPInCLK high (clock polarity = 1)
30
Delay time, SPInSOMI data valid after SPInCLK high
trf(SOMI)+15
tv(SPCH-SOMI)S
(clock polarity = 0)
4(6)
Delay time, SPInSOMI data valid after SPInCLK low
trf(SOMI)+15
tv(SPCL-SOMI)S
(clock polarity = 1)
ns
Valid time, SPInCLK high after SPInSOMI data valid
0
tv(SOMI-SPCH)S
(clock polarity = 0)
5(6)
Valid time, SPInCLK low after SPInSOMI data valid
0
tv(SOMI-SPCL)S
(clock polarity = 1)
tsu(SIMO-SPCH)S
Setup time, SPInSIMO before SPInCLK high (clock polarity = 0)
4
6(6)
tsu(SIMO-SPCL)S
Setup time, SPInSIMO before SPInCLK low (clock polarity = 1)
4
Valid time, SPInSIMO data valid after SPInCLK high
6
tv(SPCH-SIMO)S
(clock polarity = 0)
7(6)
Valid time, SPInSIMO data valid after SPInCLK low
6
tv(SPCL-SIMO)S
(clock polarity = 1)
1.5tc(VCLK)
2.5tc(VCLK)+
td(SPCH-SENAH)S
Delay time, SPIENAn high after last SPICLK high (clock polarity = 0)
tr(ENAn)
8
ns
1.5tc(VCLK)
2.5tc(VCLK)+
td(SPCL-SENAH)S
Delay time, SPIENAn high after last SPICLK low (clock polarity = 1)
tr(ENAn)
Delay time, SPIENAn low after SPICSn low (if new data has been
tf(ENAn)+6
9
td(SCSL-SENAL)S
ns
written to the SPI buffer)
Delay time, SOMI valid after SPICSn low (if new data has been
trf(SOMI)+6
10
td(SCSL-SOMI)S
ns
written to the SPI buffer)
(1)
The MASTER bit (SPInCTRL2.3) is cleared and the CLOCK PHASE bit (SPInCTRL2.0) is set.
(2)
When the SPI is in Slave mode, the following must be true: tc(SPC)S > 2tc(VCLK) and tc(SPC)S ≥ 90 ns.
(3)
For rise and fall timings, see Table 5-13.
(4)
tc(VCLK) = interface clock cycle time = 1 /f(VCLK).
(5)
When the SPI is in Slave mode, the following must be true: tw(SPCL)S > tc(VCLK), tw(SPCL)S ≥ 30 ns, tw(SPCH)S > tc(VCLK) and tw(SPCH)S ≥ 30
ns.
(6)
The active edge of the SPInCLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
Copyright
© 2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
53
Submit Documentation Feedback
Product Folder Link(s): TMS470MF06607



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com