Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA552FA/500
Description  OPA55x High-Voltage, High-Current Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 10Page - Texas Instruments OPA552FA/500 Datasheet HTML 11Page - Texas Instruments OPA552FA/500 Datasheet HTML 12Page - Texas Instruments OPA552FA/500 Datasheet HTML 13Page - Texas Instruments OPA552FA/500 Datasheet HTML 14Page - Texas Instruments OPA552FA/500 Datasheet HTML 15Page - Texas Instruments OPA552FA/500 Datasheet HTML 16Page - Texas Instruments OPA552FA/500 Datasheet HTML 17Page - Texas Instruments OPA552FA/500 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
R
R
1
2
OPA551
OPA551
“SLAVE”
“MASTER”
V
IN
R
S
(1)
10Ω
R
S
(1)
10Ω
R
L
NOTE: (1) R
S resistors minimize the circulating
current that can flow between the two devices
due to V
OS errors.
R
F
4kΩ
C
S
1.8nF
10nF
OPA551
+30V
–30V
V
I
C
F
220pF
R
G
4kΩ
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
Typical Application (continued)
8.2.2 Detailed Design Procedure
8.2.2.1 Capacitive Loads
The dynamic characteristics of the OPA55x have been optimized for commonly-encountered gains, loads, and
operating conditions. The combination of low closed-loop gain and capacitive load decreases the phase margin
and may lead to gain peaking or oscillations. Figure 28 shows a circuit that preserves phase margin with a 10-nF
capacitive load. Figure 33 shows the small-signal step response for the circuit in Figure 28. Consult SBOA015 for
more information.
Figure 28. Driving Large Capacitive Loads
8.2.2.2 Increasing Output Current
In those applications where the 200 mA of output current is not sufficient to drive the desired load, output current
can increase by connecting two or more OPA551s or OPA552s in parallel, as shown in Figure 29. Amplifier A1 is
the master amplifier and may be configured in virtually an operational amplifier circuit. Amplifier A2, the slave, is
configured as a unity-gain buffer. Alternatively, external output transistors can be used to boost output current.
The circuit in Figure 30 is capable of supplying output currents up to 1 A. Alternatively, consider the OPA547,
OPA548, and OPA549 series power operational amplifiers for high output current drive, along with programmable
current limit and output disable capability.
Figure 29. Parallel Amplifiers Increase Output Current Capability
14
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com