Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA552FA/500
Description  OPA55x High-Voltage, High-Current Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 13Page - Texas Instruments OPA552FA/500 Datasheet HTML 14Page - Texas Instruments OPA552FA/500 Datasheet HTML 15Page - Texas Instruments OPA552FA/500 Datasheet HTML 16Page - Texas Instruments OPA552FA/500 Datasheet HTML 17Page - Texas Instruments OPA552FA/500 Datasheet HTML 18Page - Texas Instruments OPA552FA/500 Datasheet HTML 19Page - Texas Instruments OPA552FA/500 Datasheet HTML 20Page - Texas Instruments OPA552FA/500 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Time (2.5µs/div)
OPA551
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
Typical Application (continued)
8.2.3 Application Curve
Figure 33 shows the small-signal step response for the circuit in Figure 28. Consult AB-028 for more information.
Figure 33. Small-Signal Step Response for Driving Large Capacitive Loads
9 Power Supply Recommendations
9.1 Power Supplies
The OPA55x may be operated from power supplies of ±4 V to ±30 V, or a total of 60 V with excellent
performance. Most behavior remains unchanged throughout the full operating voltage range. Parameters that
vary significantly with operating voltage are shown in the Typical Characteristics.
For applications that do not require symmetrical output voltage swing, power-supply voltages do not need to be
equal. The OPA55x can operate with as little as 8 V between the supplies or with up to 60 V between the
supplies. For example, the positive supply could be set to 50 V with the negative supply at –10 V, or vice-versa.
The SOIC-8 package outline shows three negative supply (V–) pins. These pins are internally connected for
improved thermal performance.
NOTE
Pin 4 must be used as the primary current carrier for the negative supply. It is
recommended that pins 1 and 5 are not directly connected to V–. Instead, connect pins 1
and 5 to a thermal mass. DO NOT lay out the printed-circuit-board (PCB) to use pins 1
and 5 as feedthroughs to the negative supply. Such a configuration results in a
performance reduction.
The tab of the DDPAK/TO-263 package is electrically connected to the negative supply (V–). However, this
connection must not be used to carry current. For best thermal performance, solder the tab directly to the PCB
copper area (see the Heat Sinking section).
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com