Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA552FA/500
Description  OPA55x High-Voltage, High-Current Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 15Page - Texas Instruments OPA552FA/500 Datasheet HTML 16Page - Texas Instruments OPA552FA/500 Datasheet HTML 17Page - Texas Instruments OPA552FA/500 Datasheet HTML 18Page - Texas Instruments OPA552FA/500 Datasheet HTML 19Page - Texas Instruments OPA552FA/500 Datasheet HTML 20Page - Texas Instruments OPA552FA/500 Datasheet HTML 21Page - Texas Instruments OPA552FA/500 Datasheet HTML 22Page - Texas Instruments OPA552FA/500 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
1000
100
10
1
0.1
1
10
100
| V
S | – | VO | (V)
125°C
125°C
1" Copper
85°C
25°C
25°C
1" Copper
1000
100
10
1
0.1
1
10
100
| V
S | – | VO | (V)
125°C
85°C
25°C
1000
100
10
1
0.1
1
10
100
| V
S | – | VO | (V)
125°C
85°C
25°C
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
Power Dissipation (continued)
To estimate the margin of safety in a complete design (including heatsink), increase the ambient temperature
until the thermal protection is activated. Use worst-case load and signal conditions. For good reliability, the
thermal protection must trigger more than 35°C above the maximum expected ambient condition of a given
application. This limit ensures a maximum junction temperature of 125°C at the maximum expected ambient
condition.
If the OPA551 or OPA552 is to be used in an application requiring more than 0.5-W continuous power
dissipation, TI recommends that the DDPAK/TO-263 package option be used. The DDPAK/TO-263 has superior
thermal dissipation characteristics and is more easily adapted to a heatsink.
Operation from a single power supply (or unbalanced power supplies) can produce even larger power dissipation
because a larger voltage can be impressed across the conducting output transistor. Consult SBOA022 for further
information on how to calculate or measure power dissipation.
Power dissipation can be minimized by using the lowest possible supply voltage. For example, with a 200-mA
load, the output swings to within 3.5 V of the power-supply rails. Set the power supplies to no more than 3.5 V
above the maximum output voltage swing required by the application to minimize the power dissipation.
10.4 Safe Operating Area
The Safe Operating Area (SOA) curves Figure 35, Figure 36, and Figure 37 show the permissible range of
voltage and current. These curves shown represent devices soldered to a circuit board with no heatsink. The
safe output current decreases as the voltage across the output transistor (VS – VO) increases. For further insight
on SOA, consult AB-039.
Output short circuits are a very demanding case for SOA. A short-circuit to ground forces the full power-supply
voltage (V+ or V–) across the conducting transistor and produces a typical output current of 380 mA. With ±30-V
power supplies, this configuration creates an internal dissipation of 11.4 W. This dissipation far exceeds the
maximum rating and is not recommended. If operation in this region is unavoidable, use the DDPAK/TO-263
package with a heatsink.
Figure 35. PDIP-8 Safe Operating Area
Figure 36. SOIC-8 Safe Operating Area
Figure 37. DDPAK-7/TO-263 Safe Operating Area
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com