Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA552FA/500
Description  OPA55x High-Voltage, High-Current Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 12Page - Texas Instruments OPA552FA/500 Datasheet HTML 13Page - Texas Instruments OPA552FA/500 Datasheet HTML 14Page - Texas Instruments OPA552FA/500 Datasheet HTML 15Page - Texas Instruments OPA552FA/500 Datasheet HTML 16Page - Texas Instruments OPA552FA/500 Datasheet HTML 17Page - Texas Instruments OPA552FA/500 Datasheet HTML 18Page - Texas Instruments OPA552FA/500 Datasheet HTML 19Page - Texas Instruments OPA552FA/500 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
R
F
1kΩ
C
S
1.88nF
NG
1 = 1 + RF/RG = 2
NG
2 = 1 + CS/CF = 10
OPA552
+30V
–30V
V
IN
V
OUT
C
F
208pF
R
G
1kΩ
Time (1µs/div)
OPA552
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
Typical Application (continued)
Figure 31. Compensation of the OPA552 for G = 1
Figure 32. Small-Signal Step Response for
Figure 31
8.2.2.4 Offset Voltage Error Calculation
The offset voltage (VOS) of the OPA51 and OPA552 is specified with a ±30-V power supply and the common-
mode voltage centered between the supplies (VS / 2 = 0 V). Additional specifications for power-supply rejection
and common-mode rejection are provided to allow the user to easily calculate worst-case excepted offset under
the conditions of a given application.
Power-supply rejection ratio (PSRR) is specified in µV/V. For the OPA55x, worst-case PSRR is 30 µV/V, which
means for each volt of change in total power-supply voltage, the offset may shift by up to 30 µV/V. Common-
mode rejection ratio (CMRR) is specified in dB, which can be converted to µV/V using Equation 1:
CMRR in (V/V) = 10
[(CMRR in dB)/–20]
(1)
For the OPA55x, the worst-case CMRR at ±30-mV supply over the full common-mode range is 96 dB, or
approximately 15.8 µV/V. This result means that for every volt of change in common-mode, the offset may shift
up to 15.8 µV. These numbers can be used to calculate excursions from the specified offset voltage under
different applications conditions. For example, a common application might configure the amplifier with a –48-V
single supply with –6-V common-mode. This configuration represents a 12-V variation in power supply: ±30 V or
60 V in the offset specification versus 48 V in the application. In addition, this configuration has an 18-V variation
in common-mode voltage: VS / 2 = –24 V is the specification for these power supplies, but the common-mode
voltage is –6 V in the application.
Calculation of the worst-case expected offset for this example is calculated by Equation 2 and Equation 3.
Worst-case VOS = maximum specified VOS + (power-supply variation × PSRR) + (common-mode variation × CMRR) (2)
VOSwc = 5 mV + (12 V × 30 µV/V) + (18 V × 15.8 µV/V) = ±5.64 mV
(3)
16
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com