Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC33 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320VC33
Description  SMx320VC33 Digital Signal Processor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 33Page - Texas Instruments TMS320VC33 Datasheet HTML 34Page - Texas Instruments TMS320VC33 Datasheet HTML 35Page - Texas Instruments TMS320VC33 Datasheet HTML 36Page - Texas Instruments TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
7
8
1
2
TRST
3
4
9
10
11
12
Header Dimensions:
Pin-to-pin spacing, 0.100 inch (X,Y)
Pin width, 0.025-inch square post
Pin length, 0.235-inch nominal
5
6
no pin (key)
(A)
13
14
GND
GND
GND
GND
EMU1
TMS
TDI
PD (V
)
CC
TDO
TCK_RET
TCK
EMU0
SM320VC33, SMJ320VC33
www.ti.com
SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015
A.
While the corresponding female position on the cable connector is plugged to prevent improper connection, the cable
lead for pin 6 is present in the cable and is grounded, as shown in the schematics and wiring diagrams in this data
sheet.
Figure 32. 14-Pin Header Signals and Header Dimensions
Table 7. 14-Pin Header Signal Descriptions
EMULATOR(1)
TARGET(1) STATE
SIGNAL
DESCRIPTION
STATE
TMS(2)
Test mode select
O
I
TDI
Test data input
O
I
TDO
Test data output
I
O
TCK
Test clock. TCK is a 10.368-MHz clock source from the emulation cable
O
I
pod. This signal can be used to drive the system test clock
TRST(3)
Test reset
O
I
EMU0(2)(4)
Emulation pin 0
I
I/O
EMU1(2)(4)
Emulation pin 1
I
I/O
PD(VCC)
Presence detect. Indicates that the emulation cable is connected and that
I
O
the target is powered up. PD should be tied to VCC in the target system.
TCK_RET
Test clock return. Test clock input to the emulator. May be a buffered or
I
O
unbuffered version of TCK.
GND
Ground
—
—
(1)
I = Input; O = Output
(2)
Use 1- to 50-k
Ω pullups for TMS, EMU0, and EMU1.
(3)
Use 1- to 50-k
Ω pulldown for TRST. Do not use pullup resistors on TRST: it has an internal pulldown device. In a low-noise
environment, TRST can be left floating. In a high-noise environment, an additional pulldown resistor may be needed. (The size of this
resistor should be based on electrical current considerations.)
(4)
EMU0 and EMU1 are I/O drivers configured as open-drain (open-collector) drivers. They are used as bidirectional signals for emulation
global start and stop.
Although other headers can be used, recommended parts include: straight header, unshrouded DuPont™
connector systems part numbers:
•
65610–114
•
65611–114
•
67996–114
•
67997–114
8.2.15 JTAG Emulator Cable Pod Logic
Figure 33 shows a portion of the emulator cable pod. The functional features of the pod are as follows:
•
Signals TDO and TCK_RET can be parallel-terminated inside the pod if required by the application. By
default, these signals are not terminated.
•
Signal TCK is driven with a 74LVT240 device. Because of the high-current drive (32 mA IOL/IOH), this signal
can be parallel-terminated. If TCK is tied to TCK_RET, the parallel terminator in the pod can be used.
•
Signals TMS and TDI can be generated from the falling edge of TCK_RET, according to the bus slave device
timing rules.
•
Signals TMS and TDI are series-terminated to reduce signal reflections.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: SM320VC33 SMJ320VC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com