| Electronic Components Datasheet Search |
|
TMS320VC33 Datasheet(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Datasheet(HTML) 46 Page - Texas Instruments |
|
46 / 53 page ![]() SM320VC33, SMJ320VC33 SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015 www.ti.com Device Support (continued) Table 9. Timing Parameter Meanings (continued) Symbols Meaning XF1 XF1 XIN XIN 10.2.2 Device and Development-Support Tool Nomenclature To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all TMS320 DSP family devices and support tools. Each TMS320 DSP member has one of three prefixes: TMX, TMP, or TMS. TI recommends two of three possible prefix designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from engineering prototypes (TMX/TMDX) through fully-qualified production devices/tools (TMS/TMDS). Device development evolutionary flow: SMX Experimental device that is not necessarily representative of the final device’s electrical specifications TMP Final silicon die that conforms to the device’s electrical specifications but has not completed quality and reliability verification SM/SMJ Fully-qualified production device Support tool development evolutionary flow: TMDX Development support product that has not yet completed TI internal qualification testing. TMDS Fully qualified development support product TMX and TMP devices and TMDX development support tools are shipped against the following disclaimer: “Developmental product is intended for internal evaluation purposes.” TMS devices and TMDS development support tools have been characterized fully, and the quality and reliability of the device has been demonstrated fully. TI’s standard warranty applies. Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard production devices. TI recommends that these devices not be used in any production system because their expected end- use failure rate still is undefined. Only qualified production devices are to be used. TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type (for example, HFG, GNM, or GNL) and temperature range (for example, M). Figure 39 provides a legend for reading the complete device name for any TMS320 DSP family member. 46 Submit Documentation Feedback Copyright © 2001–2015, Texas Instruments Incorporated Product Folder Links: SM320VC33 SMJ320VC33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |