Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 2 Page - Texas Instruments

  TLV2548MPWREP Datasheet HTML 1Page - Texas Instruments TLV2548MPWREP Datasheet HTML 2Page - Texas Instruments TLV2548MPWREP Datasheet HTML 3Page - Texas Instruments TLV2548MPWREP Datasheet HTML 4Page - Texas Instruments TLV2548MPWREP Datasheet HTML 5Page - Texas Instruments TLV2548MPWREP Datasheet HTML 6Page - Texas Instruments TLV2548MPWREP Datasheet HTML 7Page - Texas Instruments TLV2548MPWREP Datasheet HTML 8Page - Texas Instruments TLV2548MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Command
Decode
SDI
CS
FS
EOC/(INT)
Low Power
12-BIT
SAR ADC
Control Logic
CSTART
PWDN
VCC
GND
REFP
4/2 V
Reference
S/H
OSC
Conversion
Clock
M
U
X
FIFO
12 Bit × 8
CFR
SCLK
SDO
A0
A1
A2
A3
A4
A5
A6
A7
REFM
CMR (4 MSBs)
INT
EXT
DIV
TLV2548-EP
SLAS668 – OCTOBER 2009
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Table 1. ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE MARKING
TA
PACKAGE (2)
NUMBER
–55°C to 125°C
TSSOP-PW
Tape and Reel of 2000
TLV2548MPWREP
TV2548EP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Table 2. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
A0
6
A1
7
Analog signal inputs. The analog inputs are applied to these terminals and are internally
A2
8
multiplexed. The driving source impedance should be less than or equal to 1 k
Ω.
A3
9
xxx
I
A4
10
For a source impedance greater than 1 k
Ω, use the asynchronous conversion start signal
A5
11
CSTART (CSTART low time controls the sampling period) or program long sampling period
A6
12
to increase the sampling time.
A7
13
Chip select. A high-to-low transition on the CS input resets the internal 4-bit counter,
enables SDI, and removes SDO from 3-state within a maximum setup time. SDI is disabled
within a setup time after the 4-bit counter counts to 16 (clock edges) or a low-to-high
CS
20
I
transition of CS whichever happens first.
NOTE: CS falling and rising edges need to happen when SCLK is low for a microprocessor
interface such as SPI.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com