Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 5 Page - Texas Instruments

  TLV2548MPWREP Datasheet HTML 1Page - Texas Instruments TLV2548MPWREP Datasheet HTML 2Page - Texas Instruments TLV2548MPWREP Datasheet HTML 3Page - Texas Instruments TLV2548MPWREP Datasheet HTML 4Page - Texas Instruments TLV2548MPWREP Datasheet HTML 5Page - Texas Instruments TLV2548MPWREP Datasheet HTML 6Page - Texas Instruments TLV2548MPWREP Datasheet HTML 7Page - Texas Instruments TLV2548MPWREP Datasheet HTML 8Page - Texas Instruments TLV2548MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TLV2548-EP
www.ti.com
SLAS668 – OCTOBER 2009
OUTPUT DATA FORMAT CONVERSION
MSB
LSB
D15
−D4
D3
−D0
Conversion result
Don’t care
OD[11:0]
The output data format is binary (unipolar straight binary).
Binary
Zero scale code = 000h, Vcode = VREFM.
Full scale code = FFFh, Vcode = VREFP
− 1 LSB
Control and Timing
Power Up and Initialization Requirements
•
Determine processor type by writing A000h to the TLV2548 (CS must be toggled).
•
Configure the device (CS must make a high-to-low transition, then can be held low if in DSP mode;
i.e., active FS).
The first conversion after power up or resuming from power down is not valid.
Start of the Cycle
•
When FS is not used (FS = 1 at the falling edge of CS), the falling edge of CS is the start of the cycle.
•
When FS is used (FS is an active signal from a DSP), the falling edge of FS is the start of the cycle.
First 4-MSBs: The Command Register (CMR)
The TLV2548 has a 4-bit command set (see Table 3) plus a 12-bit configuration data field. Most of the
commands require only the first 4 MSBs, i.e., without the 12-bit data field.
The valid commands are listed in Table 3.
Table 3. TLV2548 Command Set(1)
SDI D(15
−12) BINARY
COMMAND
0000b
0h
Select analog input channel 0
0001b
1h
Select analog input channel 1
0010b
2h
Select analog input channel 2
0011b
3h
Select analog input channel 3
0100b
4h
Select analog input channel 4
0101b
5h
Select analog input channel 5
0110b
6h
Select analog input channel 6
0111b
7h
Select analog input channel 7
1000b
8h
SW power down (analog + reference)
1001b
9h
Read CFR register data shown as SDO D(11-0)
Write CFR followed by 12–bit data, e.g., 0A100h means external reference,
1010b
Ah plus data
short sampling, SCLK/4, single shot, INT
1011b
Bh
Select test, voltage = (REFP+REFM)/2
1100b
Ch
Select test, voltage = REFM
1101b
Dh
Select test, voltage = REFP
1110b
Eh
FIFO read, FIFO contents shown as SDO D(15-4), D(3-0) = 0000
1111b
Fh plus data
Reserved
(1)
The status of the CFR can be read with a read CFR command when the device is programmed for one–shot conversion mode
(CFR D[6,5] = 00).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com