Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2548MPWREP Datasheet HTML 2Page - Texas Instruments TLV2548MPWREP Datasheet HTML 3Page - Texas Instruments TLV2548MPWREP Datasheet HTML 4Page - Texas Instruments TLV2548MPWREP Datasheet HTML 5Page - Texas Instruments TLV2548MPWREP Datasheet HTML 6Page - Texas Instruments TLV2548MPWREP Datasheet HTML 7Page - Texas Instruments TLV2548MPWREP Datasheet HTML 8Page - Texas Instruments TLV2548MPWREP Datasheet HTML 9Page - Texas Instruments TLV2548MPWREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TLV2548-EP
SLAS668 – OCTOBER 2009
www.ti.com
Configuration
Configuration data is stored in one 12–bit configuration register (CFR) (see Table 4 for CFR bit definitions). Once
configured after first power up, the information is retained in the H/W or S/W power down state. When the device
is being configured, a write CFR cycle is issued by the host processor. This is a 16–bit write. If the SCLK stops
after the first eight bits are entered, then the next eight bits can be taken after the SCLK is resumed.
Table 4. TLV2548 Configuration Register (CFR) Bit Definitions
BIT
DEFINITION
Reference select
D11
0: External
1: Internal (Tie REFM to analog ground if the internal reference is selected.)
Internal reference voltage select
D10
0: Internal ref = 4 V
1: internal ref = 2 V
Sample period select
D9
0: Short sampling 12 SCLKs (1x sampling time)
1: Long sampling 24 SCLKs (2x sampling time)
Conversion clock source select
00: Conversion clock = internal OSC
D(8,7)
01: Conversion clock = SCLK
10: Conversion clock = SCLK/4
11: Conversion clock = SCLK/2
Conversion mode select
00: Single shot mode [FIFO not used, D(1,0) has no effect.]
D(6,5)
01: Repeat mode
10: Sweep mode
11: Repeat sweep mode
Sweep auto sequence select
00: 0-1-2-3-4-5-6-7
D(4,3)(1)
01: 0-2-4-6-0-2-4-6
10: 0-0-2-2-4-4-6-6
11: 0-2-0-2-0-2-0-2
EOC/INT - pin function select
D2
0: Pin used as INT
1: Pin used as EOC
FIFO trigger level (sweep sequence length)
00: Full (INT generated after FIFO level 7 filled)
D(1,0)
01: 3/4 (INT generated after FIFO level 5 filled)
10: 1/2 (INT generated after FIFO level 3 filled)
11: 1/4 (INT generated after FIFO level 1 filled)
(1)
These bits only take effect in conversion modes 10 and 11.
Sampling
The sampling period starts after the first four input data are shifted in if they are decoded as one of the
conversion commands. These are select analog input (channels 0 through 7) and select test (channels 1 through
3).
Normal Sampling
When the converter is using normal sampling, the sampling period is programmable. It can be 12 SCLKs (short
sampling) or 24 SCLKs (long sampling). Long sampling helps when SCLK is faster than 10 MHz or when input
source resistance is high.
Extended Sampling
CSTART - An asynchronous (to the SCLK) signal, via dedicated hardware pin, CSTART, can be used in order to
have total control of the sampling period and the start of a conversion. This extended sampling is user defined
and is totally independent of SCLK. While CS is high, the falling edge of CSTART is the start of the sampling
period and is controlled by the low time of CSTART. The minimum low time for CSTART should be at least equal
to the minimum t(SAMPLE). In a select cycle used in mode 01 (REPEAT MODE), CSTART can be started as soon
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com