Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2548MPWREP Datasheet HTML 18Page - Texas Instruments TLV2548MPWREP Datasheet HTML 19Page - Texas Instruments TLV2548MPWREP Datasheet HTML 20Page - Texas Instruments TLV2548MPWREP Datasheet HTML 21Page - Texas Instruments TLV2548MPWREP Datasheet HTML 22Page - Texas Instruments TLV2548MPWREP Datasheet HTML 23Page - Texas Instruments TLV2548MPWREP Datasheet HTML 24Page - Texas Instruments TLV2548MPWREP Datasheet HTML 25Page - Texas Instruments TLV2548MPWREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TLV2548-EP
SLAS668 – OCTOBER 2009
www.ti.com
OPERATING CHARACTERISTICS
over operating free-air temperature range, VCC = VREFP = 3 V to 5.5 V, VREFM = 0 V, SCLK frequency = 20 MHz at 5 V,
15 MHz at 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1) MAX UNIT
EL
Integral linearity error (INL)(2)
±1.2
LSB
ED
Differential linearity error (DNL)
See (3)
±1.2
LSB
TA = 25°C and
–4
6
125°C
EO
Offset error (4)
See (3)
LSB
TA = –55°C
–4
6.2
TA = 25°C and
–4
6
125°C
EFS
Full scale error (4)
See (3)
LSB
TA = –55°C
–4
7.6
800h
SDI = B000h
(2048D)
Self–test output code (5)
SDI = C000h
000h (0D)
FFFh
SDI = D000h
(4095D)
Internal OSC
3.2
4.5
t(conv)
Conversion time
μs
(14 x DIV) /
External SCLK
fSCLK
With a maximum of 1-kW input source
t(sample)
Sampling time
600
ns
impedance
(1)
All typical values are at TA = 25°C.
(2)
Linear error is the maximum deviation from the best straight line through the A/D transfer characteristics.
(3)
Analog input voltages greater than that applied to REFP convert as all ones (111111111111), while input voltages less than that applied
to REFM convert as all zeros (000000000000).
(4)
Zero error is the difference between 000000000000 and the converted output for zero input voltage: full-scale error is the difference
between 111111111111 and the converted output for full-scale input voltage.
(5)
Both the input data and the output codes are expressed in positive logic.
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2548-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com