Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2548MPWREP Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2548MPWREP
Description  3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2548MPWREP Datasheet(HTML) 1 Page - Texas Instruments

  TLV2548MPWREP Datasheet HTML 1Page - Texas Instruments TLV2548MPWREP Datasheet HTML 2Page - Texas Instruments TLV2548MPWREP Datasheet HTML 3Page - Texas Instruments TLV2548MPWREP Datasheet HTML 4Page - Texas Instruments TLV2548MPWREP Datasheet HTML 5Page - Texas Instruments TLV2548MPWREP Datasheet HTML 6Page - Texas Instruments TLV2548MPWREP Datasheet HTML 7Page - Texas Instruments TLV2548MPWREP Datasheet HTML 8Page - Texas Instruments TLV2548MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SDO
SDI
SCLK
EOC/(INT)
VCC
A0
A1
A2
A3
A4
CS
REFP
REFM
FS
PWDN
GND
CSTART
A7
A6
A5
PW PACKAGE
(TOP VIEW)
TLV2548-EP
www.ti.com
SLAS668 – OCTOBER 2009
3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL
ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
Check for Samples: TLV2548-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Maximum Throughput 200-KSPS
•
Controlled Baseline
•
Built-In Reference, Conversion Clock and
•
One Assembly/Test Site
8x FIFO
•
One Fabrication Site
•
Differential/Integral Nonlinearity Error: ±1.2
•
Available in Military (–55°C/125°C)
LSB
Temperature Range(1)
•
Signal-to-Noise and Distortion Ratio: 70 dB,
•
Extended Product Life Cycle
fi = 12 kHz
•
Extended Product-Change Notification
•
Spurious Free Dynamic Range: 75 dB,
•
Product Traceability
fi = 12 kHz
•
SPI (CPOL = 0, CPHA = 0)/DSP-Compatible
Serial Interfaces With SCLK up to 20 MHz
•
Single Wide Range Supply 3.0 Vdc to 5.5 Vdc
•
Analog Input Range 0 V to Supply Voltage
With 500-kHz BW
•
Hardware Controlled and Programmable
Sampling Period
•
Low Operating Current (1.0 mA at 3.3 V,
2.0 mA at 5.5 V With External Ref, 1.7-mA at
3.3V, 2.4-mA at 5.5-V With Internal Ref)
•
Power Down: Software/Hardware
Power-Down Mode (1
μA Max, Ext Ref),
Autopower-Down Mode (1
μA, Ext Ref)
•
Programmable Auto-Channel Sweep
(1)
Custom temperature ranges available
DESCRIPTION
The TLV2548 is a high performance, 12-bit low-power, 3.86-
μs, CMOS analog-to-digital converter (ADC) which
operates from a single 3.0-V to 5.5-V power supply. This device has three digital inputs and a 3-state output [chip
select (CS), serial input-output clock (SCLK), serial data input (SDI), and serial data output (SDO)] that provide a
direct 4-wire interface to the serial port of most popular host microprocessors (SPI interface). When interfaced
with a TI DSP, a frame sync (FS) signal is used to indicate the start of a serial data frame.
In addition to a high-speed A/D converter and versatile control capability, this device has an on-chip analog
multiplexer that can select any analog inputs or one of three internal self-test voltages. The sample-and-hold
function is automatically started after the fourth SCLK edge (normal sampling) or can be controlled by a special
pin, CSTART, to extend the sampling period (extended sampling). The normal sampling period can also be
programmed as short (12 SCLKs) or as long (24 SCLKs) to accommodate faster SCLK operation popular among
high-performance signal processors. The TLV2548 is designed to operate with very low power consumption. The
power-saving feature is further enhanced with software/hardware/autopower-down modes and programmable
conversion speeds. The conversion clock (OSC) and reference are built-in. The converter can use the external
SCLK as the source of the conversion clock to achieve higher (up to 2.8
μs when a 20-MHz SCLK is used)
conversion speed. Two different internal reference voltages are available. An optional external reference can also
be used to achieve maximum flexibility.
The TLV2548 is characterized for operation from –55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV2548MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2548MPWREP TI1-TLV2548MPWREP Datasheet
1Mb / 38P
3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
More results

Similar Description - TLV2548MPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI-TLV2544 Datasheet
648Kb / 39P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2548-EP TI1-TLV2548-EP Datasheet
1Mb / 38P
3.0-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTOPOWER-DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544 TI1-TLV2544_16 Datasheet
1Mb / 49P
2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com